Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604ASA Datasheet(PDF) 10 Page - Sames

Part # SA9604ASA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604ASA Datasheet(HTML) 10 Page - Sames

Back Button SA9604ASA Datasheet HTML 6Page - Sames SA9604ASA Datasheet HTML 7Page - Sames SA9604ASA Datasheet HTML 8Page - Sames SA9604ASA Datasheet HTML 9Page - Sames SA9604ASA Datasheet HTML 10Page - Sames SA9604ASA Datasheet HTML 11Page - Sames SA9604ASA Datasheet HTML 12Page - Sames SA9604ASA Datasheet HTML 13Page - Sames SA9604ASA Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SA9604A
sames
10/20
represents the active power, reactive power and voltage integrated over time. The
increase of decrease between readings is the energy consumption. The registers
are not affected during access. No error is possible during read, because all control
signals are generated on chip. The registers can be accessed in any sequence at
any time without problems.
The voltage sense zero crossing is a 1mS pulse available on FM150, (Pin 7). This
information allows a supervisor (ie: microcontroller) to monitor when the next read
operation should be performed. The FM150 output is only suitable if all phase
voltages are connected. Should one or more phases fail the FM150 output becomes
unstable. A better approach would be to monitor the upper bits of the frequency
register (18, 19). A measurement cycle is completed when these bits change to the
same state again (00..00 or 01..01 or 10..10 or 11..11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com