Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9604ASA Datasheet(PDF) 4 Page - Sames

Part # SA9604ASA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604ASA Datasheet(HTML) 4 Page - Sames

  SA9604ASA Datasheet HTML 1Page - Sames SA9604ASA Datasheet HTML 2Page - Sames SA9604ASA Datasheet HTML 3Page - Sames SA9604ASA Datasheet HTML 4Page - Sames SA9604ASA Datasheet HTML 5Page - Sames SA9604ASA Datasheet HTML 6Page - Sames SA9604ASA Datasheet HTML 7Page - Sames SA9604ASA Datasheet HTML 8Page - Sames SA9604ASA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SA9604A
sames
4/20
PIN DESCRIPTION
Pin
Designation
Description
16
GND
Ground
6
V
DD
Positive Supply Voltage
14
V
SS
Negative Supply Voltage
17
IVP1
Analog input for Voltage: Phase 1
20
IVP2
Analog input for Voltage: Phase 2
3
IVP3
Analog input for Voltage: Phase 3
19
IIN1
Inputs for Current sensor:Phase 1
18
IIP1
2
IIN2
Input for Current sensor: Phase 2
1
IIP2
5
IIN3
Input for Current sensor: Phase 3
4
IIP3
10
OSC1
Connections for crystal or ceramic resonator
11
OSC2
(OSC1 = Input; OSC2 = Output)
9
DO
Serial Interface Out
12
DI
Serial Interface In
8
SCK
Serial Clock In
13
CS
Chip Select (Active High)
7
FM150
Voltage Sense Zero Crossover
15
VREF
Connection for current setting resistor
FUNCTIONAL DESCRIPTION
The SA9604A is a CMOS mixed signal Analog/Digital Integrated Circuit, which performs
the measurement of active power, reactive power, voltage and frequency.
Internal offsets are eliminated through the use of cancellation procedures. The SA9604A
integrates the measured active and reactive power consumption and the average mains
voltage into 24 bit integrators, which are accessable via the SPI bus. The mains
frequency information is also available as a 24 bit register value.
The zero crossover of each voltage sense input is signalled on the FM150 (pin 7) output.
This output of 150Hz will allow monitoring by a microcontroller to synchronise with internal
timing for data aquisition. Refer to 5.5 for further information.
The SA9604A has tristate output to allow connection of more than one metering device
on a single SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com