Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605ASA Datasheet(PDF) 9 Page - Sames

Part # SA9605ASA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASA Datasheet(HTML) 9 Page - Sames

Back Button SA9605ASA Datasheet HTML 5Page - Sames SA9605ASA Datasheet HTML 6Page - Sames SA9605ASA Datasheet HTML 7Page - Sames SA9605ASA Datasheet HTML 8Page - Sames SA9605ASA Datasheet HTML 9Page - Sames SA9605ASA Datasheet HTML 10Page - Sames SA9605ASA Datasheet HTML 11Page - Sames SA9605ASA Datasheet HTML 12Page - Sames SA9605ASA Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SA9605A
sames
9/14
The only changes which now have to be implemented to interface the device to different
rated systems are: change the current sense resistors; and select the required PGM0
and PGM1.
No change to the post divider or micro-controller software is required if the FOUT2 pin
is used as described.
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a three phase power
metering application are shown.
Terminated current sensors (current transformers) are connected to the current sensor
inputs of the SA9605A through current setting resistors (R
8 ..R13).
The resistor values for standard operation are selected for an input current of 16
µA into
the SA9605A, at the rated line current.
The values of these resistors are calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µA) * R18/2
Phase 2:
R
10 = R11 = (IL2/16µA) * R19/2
Phase 3:
R
12 = R13 = (IL3/16µA) * R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Current transformer termination resistors for the three phases.
R
1 + R1A, R4 and R15 set the current for the phase 1 voltage sense input.
R
2 + R2A, R5 +
P
5 and R16 set the current for phase 2 and R3 + R3A, R6 + P6 and R17 set the current for phase
3. The values should be selected so that the input currents into the voltage sense inputs
(virtual ground) are set to 14
µA for rated line voltage. Capacitors C1, C2 and C3 are for
decoupling and phase compensation.
R
14 + P14 defines all on-chip bias and reference currents. With R14+ P14 = 24kΩ, optimum
conditions are set. R
14 + P14 may be varied within ± 10% for calibration purposes.
Any
changes to R
14 + P14 will affect the output quadratically (i.e:
∆R= +5%, ∆f = +10%).
The formula for calculating the Output Frequency (f) is given below:
f = 11.16 * FOUTX *
FOSC
*
(I
I1 IV1) + (II2 IV2) + (II3 IV3)
3.5795MHz
3 * I
R
2
Where FOUTX
= Nominal rated frequency (1160Hz)
FOSC
= Oscillator frequency (2MHz ...... 4MHz)
I
I1, II2, II3
= Input currents for current inputs (16µA at rated)
I
V1, IV2, IV3
= Input currents for voltage inputs (14µA at rated)
I
R
= Reference current (typically 50µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com