Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605ASA Datasheet(PDF) 6 Page - Sames

Part # SA9605ASA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASA Datasheet(HTML) 6 Page - Sames

Back Button SA9605ASA Datasheet HTML 2Page - Sames SA9605ASA Datasheet HTML 3Page - Sames SA9605ASA Datasheet HTML 4Page - Sames SA9605ASA Datasheet HTML 5Page - Sames SA9605ASA Datasheet HTML 6Page - Sames SA9605ASA Datasheet HTML 7Page - Sames SA9605ASA Datasheet HTML 8Page - Sames SA9605ASA Datasheet HTML 9Page - Sames SA9605ASA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SA9605A
sames
6/14
SS
V
VOLTAGE
SENSOR
INPUT
DR-01111
IVN
GND
SS
V
DD
V
CURRENT
SENSOR
INPUTS
DD
V
IIN
IIP
DD
V
SS
V
A V
A I
3.
Electrostatic Discharge (ESD) Protection
The SA9605A integrated circuit's inputs/outputs are protected against ESD.
4.
Power Consumption
The overall power consumption rating of the SA9605A integrated circuit is less than
75mW with a 5V supply.
5.
Pulse Output Signals
Waveforms displaying the DIR and FOUT1 signal information for each of the
three phases are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com