Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605ASA Datasheet(PDF) 5 Page - Sames

Part # SA9605ASA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASA Datasheet(HTML) 5 Page - Sames

  SA9605ASA Datasheet HTML 1Page - Sames SA9605ASA Datasheet HTML 2Page - Sames SA9605ASA Datasheet HTML 3Page - Sames SA9605ASA Datasheet HTML 4Page - Sames SA9605ASA Datasheet HTML 5Page - Sames SA9605ASA Datasheet HTML 6Page - Sames SA9605ASA Datasheet HTML 7Page - Sames SA9605ASA Datasheet HTML 8Page - Sames SA9605ASA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SA9605A
sames
5/14
1.
Power Calculation
In the Application Circuit (Figure 1), the mains voltages from Line 1, Line 2 and Line
3, are converted to currents and applied to the voltage sense inputs IVN1, IVN2 and
IVN3.
The current levels on the voltage sense inputs are derived from the mains voltage
(3 x 230 VAC) being divided down through voltage dividers to 14V. The resulting
input currents into the A/D converters are 14
µA through the resistors R
15, R16 and
R
17.
For the current sense inputs the voltage drop across the current transformers
terminating resistors are converted to currents of 16
µA for rated conditions, by
means of resistors R
8, R9 (Phase 1); R10, R11 (Phase 2); and R12, R13 (Phase 3).
The signals providing the current information are applied to the current sensor
inputs: IIN1, IIP1; IIN2, IIP2; and IIN3, IIP3.
In this configuration, with the mains voltage of 3 x 230 V and rated currents of 80A,
the output frequency of the SA9605A energy metering integrated circuit at FOUT1
is 1.16kHz. In this case 1 pulse will correspond to an energy consumption of 3 x 18.4
kW/1160Hz = 47.6 Ws.
The output frequency at FOUT1 and FOUT2 represents the absolute sum of the
energy measured on all three phases, regardless of the direction of energy flow
through the current sensors.
This measurement method will assist meter
manufacturers to circumvent meter tampering by reversal of the phases.
2.
Analog Input Configuration
The current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes, in conjunction with the amplifiers input configuration.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog processing circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com