Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605ASA Datasheet(PDF) 4 Page - Sames

Part # SA9605ASA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605ASA Datasheet(HTML) 4 Page - Sames

  SA9605ASA Datasheet HTML 1Page - Sames SA9605ASA Datasheet HTML 2Page - Sames SA9605ASA Datasheet HTML 3Page - Sames SA9605ASA Datasheet HTML 4Page - Sames SA9605ASA Datasheet HTML 5Page - Sames SA9605ASA Datasheet HTML 6Page - Sames SA9605ASA Datasheet HTML 7Page - Sames SA9605ASA Datasheet HTML 8Page - Sames SA9605ASA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA9605A
sames
4/14
PIN DESCRIPTION
Pin
16
GND
Ground
6V
DD
Positive Supply Voltage
14
V
SS
Negative Suply Voltage
17
IVN1
Analog input for Voltage : Phase 1
20
IVN2
Analog input for Voltage : Phase 2
3
IVN3
Analog input for Voltage : Phase 3
19
IIN1
Inputs for Current sensor : Phase 1
18
IIP1
2
IIN2
Inputs for Current sensor : Phase 2
1
IIP2
5
IIN3
Inputs for Current sensor : Phase 3
4
IIP3
10
OSC1
Connections for crystal or ceramic resonator
11
OSC2
(OSC1 = Input ; OSC2 = Output)
7
FOUT1
Pulse rate outputs
8
FOUT2
9
DIR
Direction indicator
12
PGM0
FOUT2 Frequency select pins
13
PGM1
15
VREF
Connection for current setting resistor
Designation
Description
FUNCTIONAL DESCRIPTION
The SAMES SA9605A is a CMOS mixed signal Analog/Digital integrated circuit, which
performs three phase power/energy calculations over a range of 1000:1, to an overall
accuracy of better than Class 1.
The SA9605A in both DIP-20 and SOIC-20 package options is functionally similar to the
SA9105E and SA9105F with the advantage of no external loop capacitors.
The integrated circuit includes all the required functions for 3-phase power and energy
measurement such as oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration. Internal offsets are eliminated through
the use of cancellation procedures.
The SA9605A generates pulses, the frequency of which is proportional to the power
consumption. Two frequency outputs (FOUT1 and FOUT2) are available. The pulse rate
follows the instantaneous power measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com