Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2502 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 9Page - Samsung semiconductor KB2502 Datasheet HTML 10Page - Samsung semiconductor KB2502 Datasheet HTML 11Page - Samsung semiconductor KB2502 Datasheet HTML 12Page - Samsung semiconductor KB2502 Datasheet HTML 13Page - Samsung semiconductor KB2502 Datasheet HTML 14Page - Samsung semiconductor KB2502 Datasheet HTML 15Page - Samsung semiconductor KB2502 Datasheet HTML 16Page - Samsung semiconductor KB2502 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
KB2502
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
12
Preliminary
OSD ELECTRICAL CHARCTERISTICS
(Tamb = 25
°C, V
CC = 12V, VDD = VDDA = 5V, HFLB input voltage = S3, load rosistors = 470Ω, V-AMP test
registor’s FBLK, OSD input conditions unless otherwise stated)
Table 7. OSD Electrical Chaacteristics
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
OSD contrast max. output voltage
Vocff
08 = FFH
OSD RGB output conditions
5.4
6.4
7.4
Vpp
OSD contrast max. output channel
difference
∆ Vocff
∆ 10
-
-
%
OSD contrast center output voltage
Voc80
08 = 80H
OSD RGB output conditions
2.7
3.2
3.7
Vpp
OSD contrast center output channel
difference
∆ Voc80
∆ 10
-
-
%
R/G/B OSD rising time
tr (OSD)
08: FFH
-
4.0
5.0
ns
R/G/B OSD falling time
tf (OSD)
-
4.0
5.0
ns
HT video level
HTvideo
ABL = 6V
RGB input = S1
03, 05 ~ 08: FFH
0D: 01H
OSD black conditions input
HTvideo = 20log(Vhtvideo/Vcff)
-6.0
-4.5
-3.0
dB
HT video output channel difference
∆ HTvideo
∆ 15
-
-
%
HT OSD level
HTosd
ABL = 6V
05 ~ 08: FFH
0D: 0FH
OSD white condition input
HTosd = 20log (Vhtosd/Vocff)
-7.0
-5.5
-4.0
dB
HT OSD output channel difference
∆ HTosd
∆ 15
-
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com