Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2502 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 17Page - Samsung semiconductor KB2502 Datasheet HTML 18Page - Samsung semiconductor KB2502 Datasheet HTML 19Page - Samsung semiconductor KB2502 Datasheet HTML 20Page - Samsung semiconductor KB2502 Datasheet HTML 21Page - Samsung semiconductor KB2502 Datasheet HTML 22Page - Samsung semiconductor KB2502 Datasheet HTML 23Page - Samsung semiconductor KB2502 Datasheet HTML 24Page - Samsung semiconductor KB2502 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
KB2502
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
20
Preliminary
MEMORY MAP
The display RAM's address of the row and column number are assigned in order. The display RAM is composed of
4 register groups (character & attribute register, row attribute register, frame control register, and V-AMP control
register).
The display area in the monitor screen is 30 column
× 15 row, so the related character & attribute registers are also
30 column
× 15 row. Each register has a character address and characteristics corresponding to the display
location on the screen, and one register is composed of 16 bits. The lower 9 bits select the font from the 448 ROM
fonts, and the upper 7 bits give font characteristics to the selected font.
The row attribute register takes up the display RAM's 31st column. It provides raster color, raster color intensity,
character color intensity, horizontal & vertical character size, box, border, and shadow features in units of row.
The frame control registers are in the 16th row. It controls OSD's display location, character height, scroll, and
fade-in/out in units of frame.
The V-AMP control registers are also located in the 16th row.
Figure 9. Memory Map of Display Registers
00 01 02 03
06
00 01
00
01
02
13
14
12
27 28 29
Character & Attribute Registers
(30 x15 Character Display)
Frame Control
Registers
V-AMP Control Registers
30
Row Attribute
Registers
15
04 05
08
07
0910 11 12 13 14 15 16
V-AMP Test Registers
Row
Row
Row
Test Registers
31
Row
Row
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com