Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2502 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 35Page - Samsung semiconductor KB2502 Datasheet HTML 36Page - Samsung semiconductor KB2502 Datasheet HTML 37Page - Samsung semiconductor KB2502 Datasheet HTML 38Page - Samsung semiconductor KB2502 Datasheet HTML 39Page - Samsung semiconductor KB2502 Datasheet HTML 40Page - Samsung semiconductor KB2502 Datasheet HTML 41Page - Samsung semiconductor KB2502 Datasheet HTML 42Page - Samsung semiconductor KB2502 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
KB2502
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
38
Preliminary
COLORING
If you have an Intensity feature, the number of possible colors you can express becomes doubled. In other words,
the number of colors you can represent with three colors blue, green, and red is 8 ( = 23), but with the intensity
feature, it is 16 ( = 24).
•
Character Color
Character color is assinged for each font, and the 4 components for expressing a color are listed below.
•
Raster Color
According to the 'BOXE' bit setting, raster color can be assigned in units of font or row. There is a trade-off in either
case. If 'BOXE' Bit is set to '1', the box drawing feature can be carried out in units of font, but the raster color can
only be assigned in units of row. On the other hand, if 'BOXE' bit is set to '0', the box drawing feature can't be
carried out, but you can assign raster color in units of font.
Blue
Character & attribute register's B bit[C]
Green
Character & attribute register's G bit[B]
Red
Character & attribute register's R bit[A]
Intensity
Character & attribute register's BLINK/FINT bit[9]
Row attribute register's INTE bit[D]
Row attribute register's CINT bit[4]
If all 3 bits are set to '1', the character intensity feature is enabled.
Blue
Row attribute register's RB bit[8] if the row attribute register's 'BOXE' bit is '1', and character
& attribute register's 'BINV' bit[F] if BOXE' bit is '0'.
Green
Row attribute register's RG bit[7] if row attribute register's 'BOXE' Bit is '1', and character &
attribute register's 'BOX1' bit[E] if 'BOXE' bit is '0'.
Red
Row attribute register's RR bit[6] if row attribute register's 'BOXE' bit is '1', and character &
attribute register's 'BOX0' bit[D] if 'BOXE' bit is '0'.
Intensity
Character & attribute register's BLINK/FINT bit[9]
Row attribute register's INTE bit[D]
Row attribute register's RINT bit[5]
If all 3 bits are set to '1', the raster intensity feature is enabled.
Notes for When Making KB2502 Fonts
Address 000h is appointed as blank data. RAM's initial values are all 0, and all bits are written as 0 when you
erase the RAM, so blank data means the initial value. In other words, blank data means 'do nothing'. You don't
need to write any data for the space font, except for 000h. It just needs to be an undotted area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com