Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2502 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 2 Page - Samsung semiconductor

  KB2502 Datasheet HTML 1Page - Samsung semiconductor KB2502 Datasheet HTML 2Page - Samsung semiconductor KB2502 Datasheet HTML 3Page - Samsung semiconductor KB2502 Datasheet HTML 4Page - Samsung semiconductor KB2502 Datasheet HTML 5Page - Samsung semiconductor KB2502 Datasheet HTML 6Page - Samsung semiconductor KB2502 Datasheet HTML 7Page - Samsung semiconductor KB2502 Datasheet HTML 8Page - Samsung semiconductor KB2502 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502
1
Preliminary
VIDEO AMP MERGED OSD PROCESSOR
The KB2502 is a very high frequency video amplifier &
wide range OSD processor 1 chip system with I2C Bus
control used in monitors. It contains 3 matched R/G/B video
amplifiers with OSD processor and provides
flexible
interfacing to I2C Bus controlled adjustment systems.
FUNCTIONS
•
R/G/B video amplifier
•
OSD processor
•
I2C bus control
•
Cut-off brightness control
•
R/G/B sub contrast/cut-off control
•
Half tone
FEATURES
VIDEO AMP PART
•
3-channel R/G/B video amplifier, 175MHz @f-3dB
•
I2C bus control items
- Contrast control: -38dB
- Sub contrast control for each channel: -12dB
- Brightness control
- OSD contrast control: -38dB
- Cut-off brightness control (AC coupling)
- Cut-off control for each channel (AC coupling)
- Switch registers for SBLK and video half tone and
CLP/BLK polarity selection and INT/EXT CLP selection
and generated CLP width control
•
Built in ABL (automatic beam limitation)
•
Built in video input clamp, BRT clamp
•
Built in video half tone (3mode) function on OSD
pictures
•
Capable of 8.0Vp-p output swing
•
Improvement of rise & fall time (2.2ns)
•
Cut-off brightness control
•
Built in blank gate with spot killer
•
Clamp pulse generator
•
OSD intensity
•
BLK, CLP polarity selection
•
Clamp gate with anti OSD sagging
32-DIP-600A
ORDERING INFORMATION
Device
Package
Operating Temperature
KB2502
32-DIP-600A
-20
°C ~ +75 °C
OSD PART
•
Built in 1K-byte SRAM
•
448 ROM fonts (each font consists of 12
× 18
dots.)
•
Full screen memory architecture
•
Wide range PLL available (15kHz ~ 90kHz,
Reference 800 X 600)
•
Programmable vertical height of character
•
Programmable vertical and horizontal
positioning
•
Character color selection up to 16 different
colors
•
Programmable background color (up to 16
colors)
•
Character blinking, bordering and shadowing
•
Color blinking
•
Character scrolling
•
Fade-in and fade-out
•
Box drawing
•
Character sizing up to four times
•
72MHz pixel frequency from on-chip PLL
(Reference 800 X 600)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com