Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC73129MP Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KC73129MP
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129MP Datasheet(HTML) 4 Page - Samsung semiconductor

  KC73129MP Datasheet HTML 1Page - Samsung semiconductor KC73129MP Datasheet HTML 2Page - Samsung semiconductor KC73129MP Datasheet HTML 3Page - Samsung semiconductor KC73129MP Datasheet HTML 4Page - Samsung semiconductor KC73129MP Datasheet HTML 5Page - Samsung semiconductor KC73129MP Datasheet HTML 6Page - Samsung semiconductor KC73129MP Datasheet HTML 7Page - Samsung semiconductor KC73129MP Datasheet HTML 8Page - Samsung semiconductor KC73129MP Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP
4
DC CHARACTERISTICS
CLOCK VOLTAGE CONDITIONS
Table 3. DC Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Output amp drain voltage
VDD
14.55
15.0
15.45
V
Output amp gate voltage
VGG
1.75
2.0
2.25
V
Output amp source voltage
VSS
Ground through 680
Ω
V
±5%
Substrate voltage adjustment range
SUB
7.0
14.5
V
Fluctuation range after substrate
voltage adjusted
∆V
SUB
-3
3
%
Protection circuit bias voltage
VL
VVL voltage of the vertical clock waveform
Output stage drain current
IDD
2.5
mA
Table 4. Clock Voltage Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Read-out clock voltage
VVT
14.55
15.0
15.45
V
High level
Vertical transfer clock voltage
VVH1 ~ VVH4
-0.05
0.0
0.05
V
VVH = (VVH1 + VVH2)/2
VVL1 ~ VVL4
-9.5
-9.0
-8.5
V
VVL = (VVL3 + VVL4)/2
Horizontal transfer clock voltage
VΦH
4.75
5.0
5.25
V
High
VHL
-0.05
0.0
0.05
V
Low
Charge reset clock voltage
VΦRG
4.75
5.0
5.25
V
High
VRGLH - VRGLL
0.8
V
Low
Substrate clock voltage
VΦSUB
20.0
23.0
25.0
V
Shutter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com