Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC73129MP Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KC73129MP
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129MP Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KC73129MP Datasheet HTML 2Page - Samsung semiconductor KC73129MP Datasheet HTML 3Page - Samsung semiconductor KC73129MP Datasheet HTML 4Page - Samsung semiconductor KC73129MP Datasheet HTML 5Page - Samsung semiconductor KC73129MP Datasheet HTML 6Page - Samsung semiconductor KC73129MP Datasheet HTML 7Page - Samsung semiconductor KC73129MP Datasheet HTML 8Page - Samsung semiconductor KC73129MP Datasheet HTML 9Page - Samsung semiconductor KC73129MP Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP
6
Horizontal Transfer Clock Waveform Diagram
Reset Gate Clock Waveform Diagram
VRGLH is the maximum value and VRGLL the minimum value of the coupling waveform in the period from Point A in
the diagram about to RG rise
VRGL = (VRGLH + VRGLL)/2, VFRG = VRGH - VRGL
Substrate Clock Waveform
90%
10%
tr
twh
tf
twl
V¥ÕH
VHL
VRGL + 0.5V
twl
Point
A
twh
tf
tr
VRGH
VRGL
RG waveform
VRGLH
VRGLL
¥ÕH1 waveform
10%
V¥ÕRG
100%
90%
10%
0%
twh
tr
tf
V¥ÕSU B
VSUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com