Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC73129MP Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KC73129MP
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129MP Datasheet(HTML) 3 Page - Samsung semiconductor

  KC73129MP Datasheet HTML 1Page - Samsung semiconductor KC73129MP Datasheet HTML 2Page - Samsung semiconductor KC73129MP Datasheet HTML 3Page - Samsung semiconductor KC73129MP Datasheet HTML 4Page - Samsung semiconductor KC73129MP Datasheet HTML 5Page - Samsung semiconductor KC73129MP Datasheet HTML 6Page - Samsung semiconductor KC73129MP Datasheet HTML 7Page - Samsung semiconductor KC73129MP Datasheet HTML 8Page - Samsung semiconductor KC73129MP Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
KC73129MP
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
3
ABSOLUTE MAXIMUM RATINGS (NOTE)
NOTE: The device can be destroyed, if the applied voltage or temperature is higher than the absolute maximum rating voltage
or temperature.
Table 2. Absolute Maximum Ratings
Characteristics
Symbols
Min.
Max.
Unit
Substrate voltage
SUB - GND
-0.3
55
V
Supply voltage
VDD, VOUT, VOUT - GND
-0.3
17
V
Vertical clock input voltage
Φ
V1, ΦV2, ΦV3, ΦV4 - GND
-10
20
V
Φ
V1, ΦV2, ΦV3, ΦV4 - VL
-0.3
30
V
Horizontal clock input voltage
Φ
H1, ΦH2 - GND
-0.3
17
V
Voltage difference between vertical and
horizontal clock input pins
Φ
V1, ΦV2, ΦV3, ΦV4
-0.3
15
V
Φ
H1, ΦH2
-0.3
17
V
Φ
H1, ΦH2 - ΦV4
-17
17
V
Output clock input voltage
Φ
RG, ΦGG - GND
-0.3
15
V
Protection circuit bias voltage
VL - SUB
-65
0.3
V
Operating temperature
TOPR
-10
55
°C
Storage temperature
TSTG
-30
80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com