Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC73129MP Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KC73129MP
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129MP Datasheet(HTML) 2 Page - Samsung semiconductor

  KC73129MP Datasheet HTML 1Page - Samsung semiconductor KC73129MP Datasheet HTML 2Page - Samsung semiconductor KC73129MP Datasheet HTML 3Page - Samsung semiconductor KC73129MP Datasheet HTML 4Page - Samsung semiconductor KC73129MP Datasheet HTML 5Page - Samsung semiconductor KC73129MP Datasheet HTML 6Page - Samsung semiconductor KC73129MP Datasheet HTML 7Page - Samsung semiconductor KC73129MP Datasheet HTML 8Page - Samsung semiconductor KC73129MP Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP
2
BLOCK DIAGRAM
PIN DESCRIPTION
Figure 1. Block Diagram
Table 1. Pin Description
Pin
Symbol
Description
Pin
Symbol
Description
1
Φ
V4
Vertical CCD transfer clock 4
9
VOUT
Signal output
2
Φ
V3
Vertical CCD transfer clock 3
10
VGG
Output AMP gate valtage
3
Φ
V2
Vertical CCD transfer clock 2
11
VSS
Output AMP source valtage
4
SUB
Substrate voltage
12
GND
Ground
5
Φ
V1
Vertical CCD transfer clock 1
13
VRD
Reset drain voltage
6
VL
Protection bias voltage
14
Φ
RG
Charge reset clock
7
GND
Ground
15
Φ
H1
Horizontal CCD transfer clock 1
8
VDD
Output AMP drain voltage
16
Φ
H2
Horizontal CCD transfer clock 2
8
VDD
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
GND
VL
Φ
V1
Φ
V2
Φ
V3
Φ
V4
VOUT
GND
VGG
Φ
H1
Φ
H2
SUB
Horizontal Shift Register CCD
Φ
RG
VRD
VSS
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com