Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5F429PX02-LAB0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5F429PX02-LAB0
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02-LAB0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5F429PX02-LAB0 Datasheet HTML 1Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 2Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 3Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 4Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 5Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
S5F429PX02
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
4
DC CHARACTERISTICS
CLOCK VOLTAGE CONDITIONS
Table 3. DC Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Output stage drain bias
VDD
14.55
15.0
15.45
V
Protection circuit bias voltage
VL
The lowest vertical clock level
Output stage drain current
IDD
5
mA
Table 4. Clock Voltage Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Read-out clock voltage
VVH1, VVH3
14.55
15.0
15.45
V
High level
Vertical transfer clock voltage
VVM1 ~ VVM4
-0.2
0.0
0.2
V
Middle
VVL1 ~ VVL4
-8.0
-7.5
-7.0
V
Low
Horizontal transfer clock voltage
VHH1, VHH2
3.0
5.0
5.25
V
High
VHL1, VHL2
-0.05
0.0
0.05
V
Low
Charge reset clock voltage
VRGH
4.75
5.0
5.25
V
High
VRGL
-0.2
0.0
0.2
V
Low
Substrate clock voltage
VΦSUB
21.5
22.5
23.5
V
Shutter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com