Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5F429PX02-LAB0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S5F429PX02-LAB0
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02-LAB0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S5F429PX02-LAB0 Datasheet HTML 5Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 9Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 10Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 11Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 12Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02
9
OPERATING CHARACTERISTICS
Device Temperature = 25
°C
NOTE: Test Temperature = 60
°C
TEST CONDITION
1. Use a light source with color temperature of 3,200K hallogen lamp and CM-500S for IR cut filter.
The light source is adjusted in accordance with the average value of Y signals indicated in each item.
Table 7. Operating Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Sensitivity
S
85
95
mV/lux
1
Saturation signal
YSAT
800
mV
2
Smear
SM
0.007
0.01
%
3
Blooming margin
BM
1,000
times
4
Uniformity
U
20
%
5
Dark signal (NOTE)
D
2
mV
6
Dark shading (NOTE)
∆D
2
mV
7
Image lag
YLAG
0.5
%
8
Flicker Y
FY
2
%
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com