Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5F429PX02-LAB0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S5F429PX02-LAB0
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02-LAB0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S5F429PX02-LAB0 Datasheet HTML 1Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 2Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 3Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 4Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 5Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02
1
INTRODUCTION
The S5F429PX02 is an interline transfer CCD area image
sensor developed for CCIR 1/4 inch optical format video
cameras, surveillance cameras, object detectors and image
pattern recognizers. High sensitivity is on-chip micro lenses
and HAD (Hole Accumulated Diode) photosensors. This chip
features a field integration read out system and an electronic
shutter with variable charge storage time.
FEATURES
•
High Sensitivity
•
Optical Size 1/4 inch Format
•
No Adjust Substrate Bias
•
Low Dark Current
•
Horizontal Register 3.3 to 5.0V Drive
•
14pin Ceramic DIP Package
•
Field Integration Read Out System
•
No DC Bias on Reset Gate
STRUCTURE
•
Number of Total Pixels:
537(H)
× 597(V)
•
Number of Effective Pixels:
500(H)
× 582(V)
•
Chip Size:
4.80mm(H)
× 4.04mm(V)
•
Unit Pixel Size:
7.30
µm(H) × 4.70 µm(V)
•
Optical Blacks & Dummies:
Refer to Figure Below
Vertical 1 Line (Even Field Only)
14Pin Cer - DIP
ORDERING INFORMATION
Device
Package
Operating
S5F429PX02-LAB0
14Pin Cer-DIP
-10
°C
− +60 °C
16 7
500
30
OUTPUT
Dummy Pixels
Optical Black Pixels
Effective Pixels
Effective
Imaging
Area
H-CCD


Similar Part No. - S5F429PX02-LAB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03-LDB0 SAMSUNG-S5F429PX03-LDB0 Datasheet
256Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results

Similar Description - S5F429PX02-LAB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74129B SAMSUNG-KC74129B Datasheet
234Kb / 18P
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
1/3-inch CCD Image Sensor for CCIR B/W Camera
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com