Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5F429PX02-LAB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5F429PX02-LAB0
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02-LAB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5F429PX02-LAB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 9Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 10Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 11Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 12Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 13Page - Samsung semiconductor S5F429PX02-LAB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
S5F429PX02
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
10
TEST METHODS
1. Measure the light intensities (L) when the averaged illuminance output value (Y) is the standard illuminance
output value, 150mV (YA) and when half of 150mV (1/2 YA).
2. Adjust the light intensity to 15 times of the value with which Y is YA, then measure the averaged illuminance
output value (Y = YSAT).
3. Adjust the light intensity to 500 times of the value with which Y is YA, then remove the read-out clock and drain
the signal in photosensors by the electronic shutter operation in all the respective horizontal blanking times with
the other clocks unchanged. Measure the maximum illuminance output value (YSM).
4. Adjust the light intensity to 1,000 times of the value with which Y is YA, then inspect whether there is blooming
phenomenon or not.
5. Measure the maximum and minimum illuminance output value (YMAX, YMIN) when the light intensity is adjusted
to make Y to be YA.
6. Measure YD with the horizontal idling time transfer level as reference, when the device ambient temperature is
60
°C and all of the light sources are shielded.
7. Follow test method 6, measure the maximum (DMAX) and minimum illuminance output (DMIN).
S
Y
A
1
2
---YA
–
L
Y
A
L
1
2
---YA
–
-----------------------------
=
SM
Y
SM
Y
A
-----------
1
500
----------
×
1
10
-------
×
100 %
( )
×
=
U
Y
MAX
Y
MIN
–
Y
A
------------------------------------
100 %
( )
×
=
∆D
D
MAX
D
MIN
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com