Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC631 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC631
Description  Fixed 4.4V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC631 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC631 Datasheet HTML 2Page - Semtech Corporation SC631 Datasheet HTML 3Page - Semtech Corporation SC631 Datasheet HTML 4Page - Semtech Corporation SC631 Datasheet HTML 5Page - Semtech Corporation SC631 Datasheet HTML 6Page - Semtech Corporation SC631 Datasheet HTML 7Page - Semtech Corporation SC631 Datasheet HTML 8Page - Semtech Corporation SC631 Datasheet HTML 9Page - Semtech Corporation SC631 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SC631
6
Typical Characteristics (continued)
Efficiency — 10mA
Efficiency — 50mA
Efficiency — 200mA
Efficiency — 100mA
Efficiency — 400mA
Efficiency — 300mA
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 4.4V, IOUT = 10mA
1.5x Mode
2x Mode
Mode
Transition
Hysteresis
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VOUT = 4.4V, IOUT = 50mA
VIN (V)
1.5x Mode
2x Mode
Mode
Transition
Hysteresis
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 4.4V, IOUT = 100mA
1.5x Mode
Mode
Transition
Hysteresis
2x Mode
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VOUT = 4.4V, IOUT = 200mA
VIN (V)
2x Mode
1.5x Mode
Mode
Transition
Hysteresis
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VOUT = 4.4V, IOUT = 300mA
1.5x Mode
Mode
Transition
Hysteresis
2x Mode
VIN (V)
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 4.4V, IOUT = 400mA
1.5x Mode
2x Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com