Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC631 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC631
Description  Fixed 4.4V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC631 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC631 Datasheet HTML 3Page - Semtech Corporation SC631 Datasheet HTML 4Page - Semtech Corporation SC631 Datasheet HTML 5Page - Semtech Corporation SC631 Datasheet HTML 6Page - Semtech Corporation SC631 Datasheet HTML 7Page - Semtech Corporation SC631 Datasheet HTML 8Page - Semtech Corporation SC631 Datasheet HTML 9Page - Semtech Corporation SC631 Datasheet HTML 10Page - Semtech Corporation SC631 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SC631
7
Ripple — 1x Mode
Time (10μs/div)
V
IN -PP
(20mV/div)
V
OUT -PP
(20mV/div)
I
OUT
(200mA/div)
V
IN
= 5.2V, V
OUT
= 4.4V, I
OUT
= 400mA
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
Ripple — 1.5x Mode
Ripple — 2x Mode
V
IN -PP
(100mV/div)
V
OUT -PP
(100mV/div)
I
OUT
(200mA/div)
V
IN -PP
(50mV/div)
V
OUT -PP
(50mV/div)
I
OUT
(200mA/div)
Time (10μs/div)
Time (10μs/div)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
0mA
400mA
V
IN
= 4.2V, V
OUT
= 4.4V, I
OUT
= 400mA
V
IN
= 3.2V, V
OUT
= 4.4V, I
OUT
= 400mA
0mA
400mA
0mA
400mA
Startup (No Load)
V
IN
= 3.6V, I
OUT
= 0mA
V
EN
(2V/div)–
0V—
V
OUT
(2V/div)–
0V—
0V—
I
OUT
(200mA/div)
Startup (400mA)
V
IN
= 3.6V, I
OUT
= 400mA
V
EN
(2V/div)–
0V —
V
OUT
(2V/div)–
0V—
0V—
I
OUT
(200mA/div)–
Typical Characteristics (continued)
Time (200μs/div)
Time (200μs/div)
Quiescent Current
V
OUT
= 5V, I
OUT
= 1mA
0.5
1.0
1.5
2.0
2.5
2.90
3.16
3.42
3.68
3.94
4.20
-45C
25C
85C
V
IN (V)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com