Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC631 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC631
Description  Fixed 4.4V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC631 Datasheet(HTML) 3 Page - Semtech Corporation

  SC631 Datasheet HTML 1Page - Semtech Corporation SC631 Datasheet HTML 2Page - Semtech Corporation SC631 Datasheet HTML 3Page - Semtech Corporation SC631 Datasheet HTML 4Page - Semtech Corporation SC631 Datasheet HTML 5Page - Semtech Corporation SC631 Datasheet HTML 6Page - Semtech Corporation SC631 Datasheet HTML 7Page - Semtech Corporation SC631 Datasheet HTML 8Page - Semtech Corporation SC631 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC631
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES
(1) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2)
Tested according to JEDEC standard JESD22-A114-B.
Absolute Maximum Ratings
IN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
OUT (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT
+ 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN
+ 0.3)
OUT pin — Short Circuit Duration . . . . . . . . . . Continuous
ESD Protection Level(2) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . -40 ≤ T
A
≤ +85
IN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.9 ≤ V
IN
≤ 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(1) (°C/W) . . . . 68
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise specified: T
A
= +25°C for Typ, -40°C to +85°C for Min and Max; C
1
= C
2
= 2.2μF (ESR < 0.03Ω); C
IN
= C
OUT
= 22μF; V
IN
= 2.9V to 5.5V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Voltage
V
OUT
V
IN
= 4.2V, I
OUT
= 1mA
4.27
4.4
4.53
V
Output Voltage Ripple
V
PP
I
OUT
≤ 400mA
30
mV
Maximum Output Current
I
OUT
Peak Load - thermally limited(1),
T
J
<150°C, 3.33V ≤ V
IN
≤ 5.5V
500
mA
Continuous Load, T
A
≤ 55°C, 2.92V ≤ V
IN
≤ 4.2V
325
mA
Continuous Load
250
mA
Shutdown Current
I
SD
Shutdown (EN = GND), V
IN
= 3.6V
0.1
2
μA
Total Quiescent Current
I
Q
EN high, I
OUT
= 1mA
1.5
2.5
mA
Charge Pump Frequency
f
PUMP
V
IN
= 3.2V
200
kHz
Start-Up Time
t
SU
(EN transitions from low to high),
4.27V ≤ V
OUT
≤ 4.53V, No load
400
μs
Line Regulation
ΔV
LINE
I
OUT
= 1mA, 2.85V ≤ V
IN
≤ 4.2V
21
mV
Load Regulation
ΔV
LOAD
V
IN
=4.2V, 1mA ≤ I
OUT
≤ 400mA
33
mV
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com