Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC631 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC631
Description  Fixed 4.4V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC631 Datasheet(HTML) 1 Page - Semtech Corporation

  SC631 Datasheet HTML 1Page - Semtech Corporation SC631 Datasheet HTML 2Page - Semtech Corporation SC631 Datasheet HTML 3Page - Semtech Corporation SC631 Datasheet HTML 4Page - Semtech Corporation SC631 Datasheet HTML 5Page - Semtech Corporation SC631 Datasheet HTML 6Page - Semtech Corporation SC631 Datasheet HTML 7Page - Semtech Corporation SC631 Datasheet HTML 8Page - Semtech Corporation SC631 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
SC631
Fixed 4.4V Output
Charge Pump Regulator
© 2008 Semtech Corporation
Features
Input voltage range — 2.9V to 5.5V
V
OUT
tolerance — 4.4V ±3%
Continuous output current — 250mA
Peak output current — 500mA
Three charge pump modes: 1x, 1.5x and 2x
Output ripple ≤ 30mV
PP
for I
OUT
≤ 400mA
Short circuit, over-voltage, and over-temperature
protection
Soft-start functionality
Shutdown current — 0.1μA, typical
Ultra thin package — 2 x 2 x 0.6 (mm)
Fully WEEE and RoHS compliant
Applications
Mobile phones
Multi-LED backlit LCDs
PMPs
Digital video cameras
Digital still cameras
PDAs
LED camera flash
Audio amplifier power
Description
The SC631 is a high-current voltage regulator using
Semtech’s proprietary low-noise charge pump technol-
ogy. Performance is optimized for use in single Li-Ion
battery cell applications. The regulator provides the per-
formance of a linear, low drop-out (LDO) voltage regulator
when the input is greater than 4.4V. Unlike an LDO, drop-
out is avoided when the input is less than 4.4V. Instead, a
charge pump is activated to provide voltage boost and
the head-room needed for voltage regulation.
Only two 2.2μF bucket capacitors are required to deliver
the full output current. The charge pump provides a low
EMI solution compared to inductive boost regulators.
The SC631’s charge pump has three modes of operation:
2x, 1.5x, and 1x modes. The 2x and 1.5x modes deliver
current to the load in each of two phases. The 1x mode
turns off the charge pump, delivering current through an
LDO. When active, the charge pump provides low-ripple
operation at 200kHz, which is typically less than 30mVpp
at the output. The SC631 is capable of delivering 250mA
continuous current, with peak current to 500mA. A 22μF
output capacitor is used for decoupling the load and for
smoothing mode transitions. Hysteresis is provided to
prevent chatter between charge pump modes.
The micro lead-frame package is both small and thermally
efficient, measuring 2 x 2 x 0.6 (mm).
SC631
VBAT
VOUT = 4.4V @ 250mA
OUT
C1+
IN
GND
EN
C1-
C2+
C2-
CIN
22μF
COUT
22μF
C1
2.2μF
C2
2.2μF
Chip
enable
Typical Application Circuit
July 24, 2008
Patents Pending


Similar Part No. - SC631

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
Low off-state leakage
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
1.0A, 60 Vdc Optically Isolated
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
More results

Similar Description - SC631

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
Fixed 5.3V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com