Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 4 Page - Semtech Corporation

  SC654 Datasheet HTML 1Page - Semtech Corporation SC654 Datasheet HTML 2Page - Semtech Corporation SC654 Datasheet HTML 3Page - Semtech Corporation SC654 Datasheet HTML 4Page - Semtech Corporation SC654 Datasheet HTML 5Page - Semtech Corporation SC654 Datasheet HTML 6Page - Semtech Corporation SC654 Datasheet HTML 7Page - Semtech Corporation SC654 Datasheet HTML 8Page - Semtech Corporation SC654 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Electrical Characteristics (continued)
SC654
Parameter
Symbol
Conditions
Min
Typ
Max
Units
1x Mode to 1.5x Mode
Falling Transition Input Voltage
V
TRANS1x
I
OUT
= 60mA, I
BLn
= 10mA, V
OUT
= 3.2V
3.26
V
1.5x Mode to 1x Mode Hysteresis
V
HYST1x
I
OUT
= 60mA, I
BLn
= 10mA, V
OUT
= 3.2V
250
mV
1.5x Mode to 2x Mode
Falling Transition Input Voltage
V
TRANS1.5x
I
OUT
= 60mA, I
BLn
= 10mA, V
OUT
= 4.0V(4)
3.07
V
Current Sink Off-State
Leakage Current
I
BLn(off )
V
IN
= V
BLn
= 4.2V
0.1
1
μA
Charge Pump Frequency
f
PUMP
V
IN
= 3.2V
250
kHz
Output Short Circuit
Current Limit
I
OUT(SC)
OUT pin shorted to GND
60
mA
V
OUT
> 2.5V
300
Under Voltage Lockout
V
UVLO-OFF
Increasing V
IN
2.7
V
V
UVLO-HYS
Hysteresis
800
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT
= V
OVP
,
rising threshold
5.7
6.0
V
Over-Temperature
T
OT
Rising temperature
160
°C
OT Hysteresis
T
OT-HYS
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com