Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 1 Page - Semtech Corporation

  SC654 Datasheet HTML 1Page - Semtech Corporation SC654 Datasheet HTML 2Page - Semtech Corporation SC654 Datasheet HTML 3Page - Semtech Corporation SC654 Datasheet HTML 4Page - Semtech Corporation SC654 Datasheet HTML 5Page - Semtech Corporation SC654 Datasheet HTML 6Page - Semtech Corporation SC654 Datasheet HTML 7Page - Semtech Corporation SC654 Datasheet HTML 8Page - Semtech Corporation SC654 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT
1
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
SC654
Light Management Unit for
6 LEDs with SemPulseTM Interface
SC654
IN
SPIF
GND
OUT
BL1
BL5
CIN
2.2μF
BL6
C1+
From
Microprocessor
VBAT = 2.9 to 5.5V
COUT
2.2μF
C2
2.2μF
C1
2.2μF
BL2
BL3
BL4
C2+
C1-
C2-
Features
Input supply voltage range — 2.9V to 5.5V
Very high efficiency charge pump driver system with
three modes — 1x, 1.5x and 2x
Six programmable current sinks — 0mA to 25mA
Up to three LED grouping options
Fade-in/fade-out feature for main LED bank
Charge pump frequency — 250kHz
SemPulse single wire interface
Backlight current accuracy — ±1.5% typical
Backlight current matching — ±0.5% typical
LED float detection
Automatic sleep mode (LEDs off ) — I
Q
= 60μA (typ.)
Shutdown current — 0.1μA (typical)
Ultra-thin package — 2 x 2 x 0.6 (mm)
Fully WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD modules
Portable media players
Digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC654 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides backlight current utilizing six
matched current sinks. The load and supply conditions
determine whether the charge pump operates in 1x, 1.5x,
or 2x mode. An optional fading feature that gradually
adjusts the backlight current is provided to simplify
control software.
The SC654 uses the proprietary SemPulseTM single wire
interface to control all functions of the device, including
backlight currents. The single wire interface minimizes
microcontroller and interface pin counts. The six LEDs
can be grouped in up to three separate banks that can be
independently controlled.
The SC654 enters sleep mode when all the LED drivers are
disabled. In this mode, the quiescent current is reduced
while the device continues to monitor the SemPulse
interface.
With a 2 x 2 (mm) package and four small capacitors, the
SC654 provides a complete LED driver solution with a
minimal PCB footprint.
January 30, 2009


Similar Part No. - SC654

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC654

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
SC658 SEMTECH-SC658 Datasheet
544Kb / 22P
Backlight Driver for 4 LEDs with SemPulseTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com