Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC654 Datasheet HTML 3Page - Semtech Corporation SC654 Datasheet HTML 4Page - Semtech Corporation SC654 Datasheet HTML 5Page - Semtech Corporation SC654 Datasheet HTML 6Page - Semtech Corporation SC654 Datasheet HTML 7Page - Semtech Corporation SC654 Datasheet HTML 8Page - Semtech Corporation SC654 Datasheet HTML 9Page - Semtech Corporation SC654 Datasheet HTML 10Page - Semtech Corporation SC654 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Typical Characteristics (continued)
SC654
1ms/div
Output Short Circuit Current Limit
V
OUT
(1V/div)
I
OUT
(50mA/div)
Backlight Accuracy (6 LEDs) — 12mA Each
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
ACC Max %
ACC Min %
VIN (V)
Ripple — 2x Mode
20μs/div
V
IN
(100mV/div)
V
OUT
(100mV/div)
I
BL
(10mA/div)
C
IN
= C
OUT
= 4.7μF, V
IN
= 2.9V, 6 LEDs — 15mA each
Ripple — 1x Mode
20μs/div
V
IN
(100mV/div)
V
OUT
(100mV/div)
I
BL
(10mA/div)
C
IN
= C
OUT
= 4.7μF, 6 LEDs, — 15mA each
Ripple — 1.5x Mode
20μs/div
V
IN
(100mV/div)
V
OUT
(100mV/div)
I
BL
(10mA/div)
Output Open Circuit Protection
20μs/div
V
BL
(500mV/div)
V
OUT
(1V/div)
I
BL
(10mA/div)
0
0
C
IN
= C
OUT
= 4.7μF, V
IN
= 2.9V, 6 LEDs, — 15mA each
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com