Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC654 Datasheet HTML 10Page - Semtech Corporation SC654 Datasheet HTML 11Page - Semtech Corporation SC654 Datasheet HTML 12Page - Semtech Corporation SC654 Datasheet HTML 13Page - Semtech Corporation SC654 Datasheet HTML 14Page - Semtech Corporation SC654 Datasheet HTML 15Page - Semtech Corporation SC654 Datasheet HTML 16Page - Semtech Corporation SC654 Datasheet HTML 17Page - Semtech Corporation SC654 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
SC654
SemPulseTM Interface
Introduction
SemPulse is a write-only single wire interface. It provides
the capability to access up to 32 registers that control
device functionality. Two sets of pulse trains are transmit-
ted via the SPIF pin. The first pulse set is used to set the
desired address. After the bus is held high for the address
hold period, the next pulse set is used to write the data
value. After the data pulses are transmitted, the bus is
held high again for the data hold period to signify the data
write is complete. At this point the device latches the data
into the address that was selected by the first set of pulses.
See the SemPulse Timing Diagrams for descriptions of all
timing parameters.
Chip Enable/Disable
The device is enabled when the SemPulse interface pin
(SPIF) is pulled high for greater than t
SU
. If the SPIF pin is
pulled low again for more than t
SD
, the device will be
disabled.
Address Writes
The first set of pulses can range between 0 and 31 (or 1 to
32 rising edges) to set the desired address. After the
pulses are transmitted, the SPIF pin must be held high for
t
HOLDA
to signal to the slave device that the address write is
finished. If the pulse count is between 0 and 31 and the
line is held high for t
HOLDA
, the address is latched as the
destination for the next data write. If the SPIF pin is not
held high for t
HOLDA
, the slave device will continue to count
pulses. Note that if t
HOLDA
exceeds its maximum specifica-
tion, the bus will reset. This means that the communication
is ignored and the bus resumes monitoring the pin,
expecting the next pulse set to be an address. If the total
exceeds 31 pulses, SPIF must be held high until the bus
reset time t
BR
is exceeded before commencing
communication.
Data Writes
After the bus has been held high for the minimum address
hold period, the next set of pulses are used to write the
data value. The total number of pulses can range from 0
to 63 (or 1 to 64 rising edges) since there are a total of 6
register bits per register. Just like with the address write,
the data write is only accepted if the bus is held high for
t
HOLDD
when the pulse train is completed. If the proper
hold time is not received, the interface will keep counting
pulses until the hold time is detected. If the total exceeds
63 pulses, the write will be ignored and the bus will reset
after the next valid hold time is detected. After the bus
has been held high for t
HOLDD
, the bus will expect the next
pulse set to be an address write. Note that this is the same
effect as the bus reset that occurs when t
HOLDA
exceeds its
maximum specification. For this reason, there is no
maximum limit on t
HOLDD
— the bus simply waits for the
next valid address to be transmitted.
Multiple Writes
It is important to note that this single-wire interface
requires the address to be paired with its corresponding
data. If it is desired to write multiple times to the same
address, the address must always be re-transmitted prior
to the corresponding data. If it is only transmitted one
time and followed by multiple data transmissions, every
other block of data will be treated like a new address. The
result will be invalid data writes to incorrect addresses.
Note that multiple writes only need to be separated by
the minimum t
HOLDD
for the slave to interpret them cor-
rectly. As long as t
HOLDA
between the address pulse set and
the data pulse set is less than its maximum specification
but greater than its minimum, multiple pairs of address
and data pulse counts can be made with no detrimental
effects.
Standby Mode
Once data transfer is completed, the SPIF line must be
returned to the high state for at least 10ms to return to the
standby mode. In this mode, the SPIF line remains idle
while monitoring for the next command. This mode
allows the device to minimize current consumption
between commands. Once the device has returned to
standby mode, the bus is automatically reset to expect the
address pulses as the next data block. This safeguard is
intended to reset the bus to a known state (waiting for the
beginning of a write sequence) if the delay exceeds the
reset threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com