Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC824 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC824 Datasheet HTML 3Page - Semtech Corporation SC824 Datasheet HTML 4Page - Semtech Corporation SC824 Datasheet HTML 5Page - Semtech Corporation SC824 Datasheet HTML 6Page - Semtech Corporation SC824 Datasheet HTML 7Page - Semtech Corporation SC824 Datasheet HTML 8Page - Semtech Corporation SC824 Datasheet HTML 9Page - Semtech Corporation SC824 Datasheet HTML 10Page - Semtech Corporation SC824 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SC824
7
Typical Characteristics (continued)
CC USB Low Power FQ Line Regulation
CC USB Low Power FQ V
BAT Regulation
CC USB Low Power FQ Temperature Regulation
CC PQ Line Regulation
CC PQ Temperature Regulation
4.555.5
66.5
77.5
8
80
90
100
110
120
130
140
150
R
IPRGM = 2.94kΩ
R
IPRGM = 4.42kΩ
V
VIN (V)
T
A = 25
οC, V
BAT = 3.7V
2.9
3.1
3.3
3.5
3.7
3.9
4.1
80
90
100
110
120
130
140
150
V
BAT (V)
T
A = 25
οC, V
VIN = 5V
R
IPRGM = 2.94kΩ
R
IPRGM = 4.42kΩ
5
5.566.5
77.5
8
80
90
100
110
120
130
140
150
V
VIN (V)
T
A = 25
οC, V
BAT = 2.7V
R
IPRGM = 2.94kΩ
R
IPRGM = 4.42kΩ
-40
-20
0
20
40
60
80
100
120
80
90
100
110
120
130
140
150
Ambient Temperature (
oC)
V
VIN = 5V, VBAT = 2.7V
R
IPRGM = 2.94kΩ
R
IPRGM = 4.42kΩ
-40
-20
0
20
40
60
80
100
120
80
90
100
110
120
130
140
150
Ambient Temperature (
oC)
V
VIN = 5V, VBAT = 3.7V
R
IPRGM = 2.94kΩ
R
IPRGM = 4.42kΩ
I
FQ vs. RIPRGM, Adapter or USB High Power Modes
2
6
10
14
18
22
26
30
0
200
400
600
800
1000
R
IPRGM (k
Ω)
V
VIN = 5V, VBAT = 3.7V, TA = 25
οC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com