Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC824 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC824 Datasheet HTML 18Page - Semtech Corporation SC824 Datasheet HTML 19Page - Semtech Corporation SC824 Datasheet HTML 20Page - Semtech Corporation SC824 Datasheet HTML 21Page - Semtech Corporation SC824 Datasheet HTML 22Page - Semtech Corporation SC824 Datasheet HTML 23Page - Semtech Corporation SC824 Datasheet HTML 24Page - Semtech Corporation SC824 Datasheet HTML 25Page - Semtech Corporation SC824 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SC824
22
1s/div
V
VIN
(2V/div)
V
VIN
,V
BAT
=0V—
I
BAT
(100mA/div)
I
BAT
=0mA—
V
VIN
=8.1V, V
BAT
=3.0V
I
BAT
=700mA (Initially), P
DISSIPATION
=3.6W (Initially)
V
BAT
(2V/div)
Figure 5 — Thermal Limiting Example
Note that the BAT output current is rapidly reduced to
limit the internal die temperature. It then continues to
decline as the circuit board temperature gradually rises,
further reducing the conduction of heat from the die to
the ambient environment. The fast thermal limiting
feature ensures compliance with CCSA YD/T 1591-2006,
Telecommunication Industrial Standard of the People’s
Republic of China — Technical Requirements and Test
Method of Char ger and Inter f a c e for Mobile
Telecommunication Terminal, Section 4.2.3.1.
Short Circuit Protection
The SC824 can tolerate a BAT pin short circuit to ground
indefinitely. The current into a ground short (while
V
BAT
< 1.8V) is approximately 10mA. For V
BAT
> 1.8V, normal
pre-charge current regulation is active.
A short circuit or too little programming resistance to
ground on the IPRGM pin (<< 2kΩ) will prevent proper
regulation of the BAT pin output current. Prior to enabling
the output a check of the IPRGM pin is performed to
ensure that there is sufficient resistance to ground. A test
current is output on the IPRGM pin. If the test current
produces a voltage of sufficient amplitude, then the
output is enabled. An example with R
IPRGM
= 2.94kΩ is
illustrated in Figure 6, in which the test current is applied
for approximately 250μs to determine that there is no pin
short. If a short is detected, the test current persists until
the short to ground is removed, and then the charging
startup sequence will continue.
400μs/div
Figure 6 — IPRGM Pin Short-to-Ground Test During
Startup
A short to ground applied to the IPRGM pin while charg-
ing will also be detected, by a different mechanism. IPRGM
pin short-to-ground detection on the IPRGM pin forces
the SC824 into reset, turning off the output and clearing
the logical state, including the timer.
A short-to-ground on the IPRGM pin will halt charging
and prevent startup regardless of the mode selected. It is
indicated as a fault condition on the STATx pins. When the
IPRGM ground short is removed, the charger begins
normal operation automatically without input power
cycling.
Over-Current Protection
Over-current protection is provided in all modes of opera-
tion, including CV regulation. The output current is limited
to the programmed pre-charge current limit value when
the battery voltage is below the pre-charge threshold and
the fast-charge current limit value otherwise.
Logical State Machine
The SC824 logical behavior described in the preceding
sections is derived from two distinct state machines, as
illustrated in the following diagrams. The charger state
machine permits transitions to most states from most
other states, as shown. The multi-stage timer state
machine enforces a unidirectional flow. Once the timer
has advanced from one stage to the next, there is no
return to the previous stage except by a re-charge cycle, a
reset (by disabling and re-enabling the SC824), or by
cycling the input power off and on.
Applications Information (continued)
I
BAT
(500mA/div)
I
BAT
=0mA—
V
IPRGM
=0V—
V
VIN
(5V/div)
V
IPRGM
(1V/div)
V
VIN
=0V—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com