Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC824 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC824 Datasheet HTML 19Page - Semtech Corporation SC824 Datasheet HTML 20Page - Semtech Corporation SC824 Datasheet HTML 21Page - Semtech Corporation SC824 Datasheet HTML 22Page - Semtech Corporation SC824 Datasheet HTML 23Page - Semtech Corporation SC824 Datasheet HTML 24Page - Semtech Corporation SC824 Datasheet HTML 25Page - Semtech Corporation SC824 Datasheet HTML 26Page - Semtech Corporation SC824 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SC824
23
Applications Information (continued) — Charger Logical State Machine
Transition
Comments
Timer Running (if Enabled)
STAT1 turned on
Initiate Soft-Start
Clear and Hold Timer
STAT1 turned off
Output off
Indicate FAULT on STAT pins
Initiate Soft-Start
Suspend the Timer clock &
resume upon return to CHARGE
Initiate Soft-Start
Start Timer(if Enabled)
STAT1 turned on.
IPRGM
STATIC
PINSHORT
CHECK
MONITOR
START
~IPRGM Static
Pinshort Detected
NTC OK-to-Charge
~(UVLO or POR or
(VIN < VOUT + δ)or
NTC_Disable)
(Timer Disabled AND(IBAT < ITERM)) OR
(Timer Enabled AND Top-Off Timer Expired)
VBAT < VReQ
From Any
State
IPRGM Static
Pinshort Detected
IPRGM Dynamic
Pinshort Detection
VBAT > VReQ
Immediate
NTC Hot or Cold
Timer Fault
Initiate Soft-Start
Start Timer(if Enabled)
STAT1 remains off.
RE-
CHARGE
NTC FAULT
VBAT < VPreQ
CHARGE or
NO_BATTERY States:
BAT output CC/CV
regulator operation
Constant Current
Regulation
IBAT = 20% of IFQ
Constant Current
Regulation
IBAT = IFQ
Constant Voltage
Regulation
VBAT = VCV
IBAT > IFQ
VBAT > VPreQ
CC
Regulation
Pre-Charge
VBAT > VCV
CV
Regulation
DISABLE
UVLO or POR or(VIN < VOUT + δ)
or NTC_Disable (asynchronously)
CHARGE
Timer Fault Signal, from
Timer State Machine
NO
BATTERY
NTC_NoBatt
From Any
State Except
DISABLE&
STATIC_
PINSHORT
NTC_NoBatt
NTC OK-to-Charge
State Comments
Logical
State
Logical
State
State
Transition
Condition
State Entry Path
State Exit Path
KEY:
Signal to Charger
State Machine
Signal to Charger
State Machine
Signals to and from
Charger State Machine
CHARGE
TIMER
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com