Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC824 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Datasheet(HTML) 3 Page - Semtech Corporation

  SC824 Datasheet HTML 1Page - Semtech Corporation SC824 Datasheet HTML 2Page - Semtech Corporation SC824 Datasheet HTML 3Page - Semtech Corporation SC824 Datasheet HTML 4Page - Semtech Corporation SC824 Datasheet HTML 5Page - Semtech Corporation SC824 Datasheet HTML 6Page - Semtech Corporation SC824 Datasheet HTML 7Page - Semtech Corporation SC824 Datasheet HTML 8Page - Semtech Corporation SC824 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SC824
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114.
(2)
Operating Voltage is the input voltage at which the charger is guaranteed to begin operation. These ranges apply to charging sources
operating in voltage regulation. Charging sources operating in current limit may be pulled below these ranges by the charging load.
Maximum operating voltage is the maximum Vsupply as defined in EIA/JEDEC Standard No. 78, paragraph 2.11.
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN, STAT0, STAT1 (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
VSYS, BAT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
MODE (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (BAT + 0.3)
EN_NTC, RTIME, IPRGM (V) . . . . . . . . . . . . . -0.3 to (VSYS + 0.3)
VIN input current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5
BAT, IPRGM Short to GND Duration . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
VIN Adapter Mode Operating Voltage(2) (V). . . 4.36 to 8.20
VIN USB Modes Operating Voltage(2) (V). . . . . . 4.70 to 8.20
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . . 68
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . +260
Test Conditions: V
VIN
= 5.00V (1), V
BAT
= 3.70V unless specified; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN Under-Voltage Lockout Rising
Threshold
VT
UVLO-R
4.16
4.26
4.36
V
VIN Under-Voltage Lockout Falling
Threshold (2)
VT
UVLO-F
V
VIN
>V
BAT
2.70
2.85
3.00
V
VIN OVP Rising Threshold
VT
OVP-R
9.3
9.6
V
VIN OVP Falling Threshold
VT
OVP-F
8.2
8.5
V
VIN OVP Hysteresis
VT
OVP-H
VT
OVP-R
- VT
OVP-F
500
800
mV
VIN Charging Disabled Operating
Current
ICC
VIN_DIS
V
EN_NTC
= 0V, V
RTIME
= 0V
0.8
1.5
mA
VIN Charging Enabled Operating
Current
ICC
VIN_EN
V
EN_NTC
= 2.3V, V
RTIME
= 0V, I
BAT
= 1mA;
excluding I
BAT
and I
IPRGM
1.8
2.5
mA
Regulation Voltage
V
CV
I
BAT
= 50mA, -40°C ≤ T
J
≤ 125°C
4.16
4.20
4.24
V
Voltage Load Regulation
V
CV_LOAD
1mA ≤ I
BAT
≤ 1A, -40°C ≤ T
J
≤ 125°C
-20
mV/A
BAT Re-charge Threshold
VT
ReQ
V
CV
- V
BAT
60
100
140
mV
BAT Pre-charge Threshold (rising)
VT
PreQ
2.85
2.90
2.95
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com