Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2604 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2604
Description  Simple PWM Boost Controller with Input Disconnect FET Drive
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2604 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2604 Datasheet HTML 1Page - Semtech Corporation SC2604 Datasheet HTML 2Page - Semtech Corporation SC2604 Datasheet HTML 3Page - Semtech Corporation SC2604 Datasheet HTML 4Page - Semtech Corporation SC2604 Datasheet HTML 5Page - Semtech Corporation SC2604 Datasheet HTML 6Page - Semtech Corporation SC2604 Datasheet HTML 7Page - Semtech Corporation SC2604 Datasheet HTML 8Page - Semtech Corporation SC2604 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC2604
4
www.semtech.com
© 2007 Semtech Corp.
Parameter
Conditions
Min
Typ
Max
Units
PWM Switch Gate Drive
Gate Source Current
V
IN = 2V, CGATE = 0nF
0.5
0.8
A
Gate Sink Current
V
IN = 2V, CGATE = 0nF
0.5
0.8
A
PWM Switch Soft Start
Soft Start Charge Current
55
µA
SS/VREF Threshold to Shutdown Switch
Pull down below this level to
disable PWM Switch gate
00
mV
SS/VREF Threshold to Turn-on Switch
Pull above this level to
enable PWM Switch gate
30
mV
Disconnect Switch Gate Drive
DRV Source Current
V
IN = 2V, VDRV = 5.5V
45
µA
DRV Sink Current
V
IN = 2V, VDRV = 8V
45
µA
Over Current Protection
Current Limit Threshold
V
IN - CS
6
72
83
mV
OCP/EN Threshold
Pull down below this level to
disable Disconnect FET gate
520
590
660
mV
OCP/EN Charge Current
37
µA
OCP/EN Discharge Current
.0
µA
CS Input Current
0.2
µA
Note: (). Guaranteed by Characterization
(2). Guaranteed by design
Electrical Characteristics (Cont.)
Unless otherwise noted,
V
IN = 2V, VO = 25V, -40°C < TA = TJ < 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com