Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2604 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2604
Description  Simple PWM Boost Controller with Input Disconnect FET Drive
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2604 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2604 Datasheet HTML 1Page - Semtech Corporation SC2604 Datasheet HTML 2Page - Semtech Corporation SC2604 Datasheet HTML 3Page - Semtech Corporation SC2604 Datasheet HTML 4Page - Semtech Corporation SC2604 Datasheet HTML 5Page - Semtech Corporation SC2604 Datasheet HTML 6Page - Semtech Corporation SC2604 Datasheet HTML 7Page - Semtech Corporation SC2604 Datasheet HTML 8Page - Semtech Corporation SC2604 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC2604
3
www.semtech.com
© 2007 Semtech Corp.
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
NOTES-
() Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
(2) Tested according to JEDEC standard JESD22-A4-B.
Electrical Characteristics
Unless otherwise noted, V
IN = 2V, VO = 25V, -40°C < TA = TJ < 25°C.
Absolute Maximum Ratings
V
IN Supply Voltage
……………………………… -0.3 to 20V
CS Pin Voltage………………………………………-0.3 to 20V
GATE Pin Voltage……………………………………-0.3 to 20V
DRV Pin Voltage ……………………………………-0.3 to 25V
OCP/EN Pin Voltage …………………………………-0.3 to 7V
SS/VREF Pin Voltage …………………………………-0.3 to 7V
FB Pin Voltage ………………………………………-0.3 to 7V
Peak IR Reflow Temperature ………………………….
260°C
ESD Protection Level(2) ………………………………… 2000V
Thermal Information
Junction to Ambient () ……………………………… 60°C/W
Junction to Case () ………………………………… 45°C/W
Maximum Junction Temperature……………………… 50°C
Storage Temperature ………………………… -45 to +50°C
Lead Temperature (Soldering) 0 sec ………………… 300°C
Parameter
Conditions
Min
Typ
Max
Units
Input Supply
V
IN Supply Voltage
4.5
3.5
V
V
IN Start Voltage
V
IN Rising
4.2
4.5
V
V
IN Start Hysteresis
400
mV
V
IN Supply Current
Switching, GATE pin floating
6.0
9.0
mA
V
IN Shutdown Current
OCP/EN = Low
200
µA
Error Amplifier
Feedback Voltage
I
O = 00mA
.225
.250
.275
V
Feedback Bias Current
V
IN = 2V, VFB = VSS/VREF
0.5
.0
µA
Error Amplifier Gain ()
90
V/V
Oscillator
Oscillator Frequency
320
400
480
kHz
Maximum Duty Cycle
86
90
%
Internal Ramp Peak (2)
.4
V
Internal Ramp Valley (2)
0.4
V
Regulation
Load Regulation
I
O = 0.A to A
0.5
%
Line Regulation
V
IN = 5V to 3.5V, IO = 0.A
.0
%
Recommended Operating Conditions
Input Voltage Range …………………………… 4.5V to 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com