Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2604 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2604
Description  Simple PWM Boost Controller with Input Disconnect FET Drive
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2604 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2604 Datasheet HTML 1Page - Semtech Corporation SC2604 Datasheet HTML 2Page - Semtech Corporation SC2604 Datasheet HTML 3Page - Semtech Corporation SC2604 Datasheet HTML 4Page - Semtech Corporation SC2604 Datasheet HTML 5Page - Semtech Corporation SC2604 Datasheet HTML 6Page - Semtech Corporation SC2604 Datasheet HTML 7Page - Semtech Corporation SC2604 Datasheet HTML 8Page - Semtech Corporation SC2604 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC2604
5
www.semtech.com
© 2007 Semtech Corp.
Pin Descriptions
Pin
Pin Name
Pin Function

CS
Current sense input (negative)
2
VIN
Device supply voltage (also positive current sense input)
3
GATE
PWM gate driver output for boost converter
4
GND
Device ground
5
SS/VREF
Soft start and reference voltage pin
6
FB
Error amplifier inverted input
7
OCP/EN
When a capacitor is tied to this pin, the maximum inrush current is controlled during start-up. The capacitor value
also determines the off-time after the device has entered hiccup mode. Pulling this pin low can disable the linear
and the switcher to turn off the circuit.
8
DRV
Gate drive of input disconnect FET limiting system input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com