Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2604 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2604
Description  Simple PWM Boost Controller with Input Disconnect FET Drive
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2604 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2604 Datasheet HTML 1Page - Semtech Corporation SC2604 Datasheet HTML 2Page - Semtech Corporation SC2604 Datasheet HTML 3Page - Semtech Corporation SC2604 Datasheet HTML 4Page - Semtech Corporation SC2604 Datasheet HTML 5Page - Semtech Corporation SC2604 Datasheet HTML 6Page - Semtech Corporation SC2604 Datasheet HTML 7Page - Semtech Corporation SC2604 Datasheet HTML 8Page - Semtech Corporation SC2604 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
January 4, 2008

Simple PWM Boost Controller
with Input Disconnect FET Drive
SC2604
www.semtech.com
Typical Application Circuit
Features
Input Voltage Range: 4.5V to 3.5V
% Voltage Reference Accuracy
Up to 95% Efficiency
Input Disconnect FET Drive
In-rush Current Control
Internal Compensation
Programmable Current Limit
Programmable Soft Start
800mA Typical PWM Gate Drive
400kHz Switching Frequency
Under Voltage Lockout
<200uA Shutdown Current
-40oC to +85oC Temperature Range
MSOP-8 Package, Fully WEEE and RoHS Compliant
Applications
Portable Devices
Flat Panel TV
TV Set Top Box
Auxiliary Supplies
Peripheral Card Supplies
Industrial Power Supply
High Density DC/DC Conversion
Description
The SC2604 is a versatile, low-cost, voltage-mode PWM
controller designed for boost DC/DC power supply
applications. It features input disconnect FET driver
allowing power source and load separation at shutdown
mode, which eliminates possible leakage current from
source to load. Also, it prevents catastrophic failure when
output is shorted during operation.
The SC2604 also includes temperature compensated
voltage reference, internal ramp, current limit comparator,
internally compensated error amplifier, and floating driver
with charge pump. Programmable soft start controls
in-rush current and reduces output voltage overshoot.
Hiccup mode over-current protection allows system auto-
retry and ease of trouble shooting.
Internally compensated feedback loop makes power
supply design simple, and eliminates the need for external
compensation network.
The SC2604 is available in MSOP-8 package with rated
temperature range of -40oC to +85oC.
Figure 1. 12V to 25V/1A Boost Converter with Over Current Protection


Similar Part No. - SC2604

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC260 MOTOROLA-SC260 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
Digitron Semiconductors
SC260 DIGITRON-SC260 Datasheet
229Kb / 4P
THYRISTORS
logo
New Jersey Semi-Conduct...
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC2604

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1107 AAT-AAT1107 Datasheet
396Kb / 16P
BUCK_BOOST & BOOST PWM CONTROLLER WITH ADJUSTABLE LDO
V 1.0
logo
Analog Devices
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
Jul-2006
logo
Semtech Corporation
SC2603 SEMTECH-SC2603 Datasheet
224Kb / 11P
Simple PWM Boost Controller
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
logo
Analog Devices
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
FET Drive Simple Sequencers
REV. 0
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com