Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4212
Description  Very Low Input /Very Low Dropout 1Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4212 Datasheet HTML 1Page - Semtech Corporation SC4212 Datasheet HTML 2Page - Semtech Corporation SC4212 Datasheet HTML 3Page - Semtech Corporation SC4212 Datasheet HTML 4Page - Semtech Corporation SC4212 Datasheet HTML 5Page - Semtech Corporation SC4212 Datasheet HTML 6Page - Semtech Corporation SC4212 Datasheet HTML 7Page - Semtech Corporation SC4212 Datasheet HTML 8Page - Semtech Corporation SC4212 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SC4212
5
Typical Characteristics
Typixcal Droop Voltage at Vin = 1.5 V
0
50
100
150
200
250
300
350
400
450
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Iout (A)
TA = 125°°°°C
TA = 25°°°°C
TA = -40°°°°C
Typical Dropout Voltage at VIN = 1.5 V
I
OUT (A)
I
OUT (A)
Reference Vs Temperature
495
496
497
498
499
500
501
502
503
504
505
-50
-25
0
25
50
75
100
125
VIN = 5.5V
Temperature (ºC)
Reference Voltage vs. Junction Temperature
T
J (ºC)
Reference Vs Temperature
498
499
500
501
502
503
504
505
506
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 1.5V
T
j (ºC)
Reference Voltage vs. Junction Temperature
Stability Curve, COUT = 10
µF
Stability Curve, COUT = 100
µF
I
OUT (A)
I
OUT (A)
Typical Dropout Voltage at VIN = 5.0 V
Typixcal Droop Voltage at Vin = 5.0 V
0
50
100
150
200
250
300
350
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Iout (A)
TA = 125°°°°C
TA = 25°°°°C
TA = -40°°°°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com