Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4212
Description  Very Low Input /Very Low Dropout 1Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212 Datasheet(HTML) 6 Page - Semtech Corporation

  SC4212 Datasheet HTML 1Page - Semtech Corporation SC4212 Datasheet HTML 2Page - Semtech Corporation SC4212 Datasheet HTML 3Page - Semtech Corporation SC4212 Datasheet HTML 4Page - Semtech Corporation SC4212 Datasheet HTML 5Page - Semtech Corporation SC4212 Datasheet HTML 6Page - Semtech Corporation SC4212 Datasheet HTML 7Page - Semtech Corporation SC4212 Datasheet HTML 8Page - Semtech Corporation SC4212 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC4212
6
Pin Descriptions
Pin #
Pin Name Pin Function
1,4,5
NC
No connect.
2
EN
Enable Input. Pulling this pin below 0.5V turns the regulator off, reducing the quiescent current to a frac-
tion of its operating value. The device will be enabled if this pin is left open. Connect to VIN if the enable
feature is not being used.
3
VIN
Input voltage pin. For regulation at full load, the input to this pin must between ( VOUT + 0.5V ) and 5.5V.
Minimum VIN = 1.5V . A large bulk capacitance should be placed close to this pin to ensure that the input
supply does not sag below 1.5V. Also a minimum of 4.7µF ceramic capacitor should be placed directly at
this pin.
6
VOUT
This pin is the power output of this device. A minimum 10µF capacitor should be placed directly at this
pin.
7
FB
When this pin is connected to the VOUT pin , the output voltage will be set to 0.5V . If external feedback
resistors are used , the output voltage will be determined by the resistor ratio (See Application Circuits on
page1):
8
GND
Reference ground. The GND pin and the thermal pad must be connected together at the IC.
T
Thermal Pad
Thermal pad for heatsinking purposes. Not connected internally. Connect to ground plane using multiple
vias.
Block Diagram
Volts
R
)
R
(R
0.5
V
2
2
1
OUT
+
⋅
=
R1: The resistor connected from VOUT to FB.
R2: The resistor connected from FB to GND.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VPUMP
VIN
VIN
VIN
VOUT
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
A
1
1
Friday, April 30, 2010
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
A
1
1
Friday, April 30, 2010
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
A
1
1
Friday, April 30, 2010
Reference
Thermal
Shutdown
Reverse Voltage
Shutdown
1.5uA
0.5V
FB
GND
VOUT
VIN
EN
RSENSE
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com