Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4212
Description  Very Low Input /Very Low Dropout 1Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4212 Datasheet HTML 1Page - Semtech Corporation SC4212 Datasheet HTML 2Page - Semtech Corporation SC4212 Datasheet HTML 3Page - Semtech Corporation SC4212 Datasheet HTML 4Page - Semtech Corporation SC4212 Datasheet HTML 5Page - Semtech Corporation SC4212 Datasheet HTML 6Page - Semtech Corporation SC4212 Datasheet HTML 7Page - Semtech Corporation SC4212 Datasheet HTML 8Page - Semtech Corporation SC4212 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWER MANAGEMENT
1
SC4212
Very Low Input /Very Low Dropout
1Amp Regulator With Enable
April 27, 2010
Features
„
Input voltage as low as 1.5V
„
400mV dropout @ 1A
„
Adjustable output from 0.5V
„
Over current and over temperature protection
„
Enable pin
„
10μA quiescent current in shutdown
„
Low reverse leakage (output to input)
„
Full industrial temperature range
„
Available in MLPD-8 Pb-free package, fully WEEE and
RoHS compliant
Applications
„
Telecom/Networking cards
„
Motherboards/Peripheral cards
„
Industrial Applications
„
Wireless infrastructure
„
Set top boxes
„
Medical equipment
„
Notebook computers
Description
The SC4212 is a high performance positive voltage regu-
lator designed for applications requiring very low input
voltage and very low dropout voltage at up to 1 Ampere.
It operates with a VIN as low as 1.5V, with output voltage
programmable as low as 0.5V. The SC4212 features ultra
low dropout, ideal for applications where VOUT is very
close to VIN. Additionally, the SC4212 has an enable pin
to further reduce power dissipation while shutdown. The
SC4212 provides excellent regulation over variations in
line, load and temperature.
The SC4212 is available in a 3 x 3 MLPD-8 package. The
output voltage can be set via external divider or to a
fixed setting of 0.5V depending upon how the FB pin
is configured.
Typical Application Circuit
1
VOUT
VOUT
VOUT
VOUT
FB
FB
FB
FB
GND
GND
GND
GND
VIN
VIN
VIN
VIN
EN
EN
EN
EN
SC4212
SC4212
SC4212
SC4212
C1
C1
C1
C1
VIN
VIN
VIN
VIN
ENABLE
ENABLE
ENABLE
ENABLE
C2
C2
C2
C2
VOUT
VOUT
VOUT
VOUT
R1
R1
R1
R1
R2
R2
R2
R2
(
) ( )
Volts
R
R
R
VOUT
2
2
1
5
.
0
+
=
VOUT
VOUT
VOUT
VOUT
FB
FB
FB
FB
GND
GND
GND
GND
VIN
VIN
VIN
VIN
EN
EN
EN
EN
SC4212
SC4212
SC4212
SC4212
C1
C1
C1
C1
VIN
VIN
VIN
VIN
ENABLE
ENABLE
ENABLE
ENABLE
C2
C2
C2
C2
VOUT
VOUT
VOUT
VOUT
V
VOUT
5
.
0
=


Similar Part No. - SC4212

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
SC4212B GENNUM-SC4212B Datasheet
839Kb / 11P
Enable Input
logo
Semtech Corporation
SC4212B SEMTECH-SC4212B Datasheet
839Kb / 11P
Very Low Input /Very Low Dropout 1 Amp Regulator
SC4212BEVB SEMTECH-SC4212BEVB Datasheet
839Kb / 11P
Very Low Input /Very Low Dropout 1 Amp Regulator
SC4212BMLTRC SEMTECH-SC4212BMLTRC Datasheet
839Kb / 11P
Very Low Input /Very Low Dropout 1 Amp Regulator
SC4212EVB SEMTECH-SC4212EVB_11 Datasheet
248Kb / 9P
Very Low Input /Very Low Dropout 1Amp Regulator With Enable
More results

Similar Description - SC4212

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4212 SEMTECH-SC4212_11 Datasheet
248Kb / 9P
Very Low Input /Very Low Dropout 1Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com