Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4212
Description  Very Low Input /Very Low Dropout 1Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4212 Datasheet HTML 1Page - Semtech Corporation SC4212 Datasheet HTML 2Page - Semtech Corporation SC4212 Datasheet HTML 3Page - Semtech Corporation SC4212 Datasheet HTML 4Page - Semtech Corporation SC4212 Datasheet HTML 5Page - Semtech Corporation SC4212 Datasheet HTML 6Page - Semtech Corporation SC4212 Datasheet HTML 7Page - Semtech Corporation SC4212 Datasheet HTML 8Page - Semtech Corporation SC4212 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC4212
3
NOTES:
(1)Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2)Tested according to JEDEC standard JESD22-A114-B.
Unless specified otherwise: FB = VOUT, EN = VIN =
, 1.5V to 5.5V, IOUT = 10μA to 1A,
T
A = +25°C for Typ, -40 to +85 °C for Min and Max, TJ < 125°C.
Electrical Characteristics
Absolute Maximum Ratings
VIN to GND ............………………………...… -0.3V to 7V
EN, FB, VOUT …………………..….... -0.3V to VIN +0.3V
ESD Rating (2)…......………………...……………… 3.5kV
Recommended Operating Conditions
Thermal Resistance, Junction to Ambient(1) .. 36.3°C/W
Thermal Resistance, Junction to Case............. 3.77°C/W
Operation Ambient Temperature Range...-40 to +85°C
Operation Junction Temperature Range ..-40 to+125°C
Storage Temperature …………………......-65 to +150°C
Peak IR Reflow Temperature (10s to 30s)……........+260°
Thermal Information
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Input Supply Voltage
VIN
1.5
5.5
V
Quiescent Current
I
Q
VIN = 3.3V, I
OUT = 0A
3
mA
VIN = 5.5V, EN = 0V
15
µA
Output
Output Voltage(1)
VOUT
VIN = 3.3V, I
OUT = 10mA, T
A = 25°C
-2%
VOUT
+2%
V
1.5V < VIN < 5.5V, I
OUT = 10mA
-3%
+3%
Line Regulation(1)
REG
(LINE)
I
OUT = 10mA
0.20
0.40
%/V
Load Regulation(1)
REG
(LOAD)
I
OUT = 10mA to1A
0.50
1.50
%/A
Minimum Load Current(3)
I
OUT
VIN = VOUT + 0.5V
10
µA
Current Limit
I
CL
1.10
1.5
A
Dropout Voltage(1)(2)
V
DO
I
OUT = 500mA, T
A = 25°C
100
250
mV
I
OUT = 500mA
300
I
OUT = 1A, T
A = 25°C
200
400
I
OUT = 1A
500
Supply Input Voltage ………………......… 1.5 to 5.5V
Maximum Output Current ……………...……........... 1A
Junction Temperature …………….....… -40 to +125°C
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the Electrical
Characteristics section is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com