Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5490 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5490
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5490 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5490 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5490
No.6289–2/4
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2 1
V E
C
I
,
V
5
=
C
z
H
G
5
.
1
=
f
,
A
m
0
1
=
80
1B
d
|
e
1
2
S
|
2 2
V E
C
I
,
V
1
=
C
z
H
G
5
.
1
=
f
,
A
m
1
=
5
.
5B
d
e
r
u
g
i
F
e
s
i
o
N
1
F
NV E
C
I
,
V
5
=
C
z
H
G
5
.
1
=
f
,
A
m
5
=4
.
10
.
3B
d
2
F
NV E
C
I
,
V
2
=
C
z
H
G
1
=
f
,
A
m
3
=9
.
0B
d
16
14
12
10
8
6
4
2
0
10
100
33
25
57
3
25
7
7 1.0
IT01381
7
5
7
5
3
2
2
5
3
0.1
1.0
3
25
10
0.1
73
25
7
5
3
2
7
1.0
Cre -- VCB
f=1MHz
f=1GHz
7
5
7
5
3
2
2
5
3
0.1
1.0
7
5
7
5
3
2
2
5
3
10
100
3
25
10
0.1
73
25
3
25
7
7
1.0
Cob -- VCB
f=1MHz
IT01380
IT01377
f T -- IC
IT01378
10
3
2
2
3
5
7
7
5
1.0
VCE=5V
f=1.5GHz
f=1GHz
VCE
=5V
1V
10
100
33
25
57
3
25
7
7 1.0
1.0
0.1
5
23
5
7
23
23
57
10
IT01379
hFE -- IC
16
14
12
10
8
6
4
2
0
IT01382
1.0
0.1
3
25
7
3
25
7
3
25
7
10
100
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
S21e2 -- IC
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
S21e2 -- IC
Collector Current, IC –mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com