Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5490 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5490
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5490 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5490 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
UHF to S Band
Low-Noise Amplifier Applications
Ordering number:ENN6289
2SC5490
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1099TS (KOTO) TA-1677 No.6289–1/4
0.25
0.2
1.4
0.45
1
3
2
0.1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2159
[2SC5490]
Features
· Low noise : NF=0.9dB typ (f=1GHz).
: NF=1.4dB typ (f=1.5GHz).
· High gain :
S21e2=10dB typ (f=1.5GHz).
· High cutoff frequency : fT=11GHz typ.
· Ultrasmall, slim flat-lead package.
(1.4mm
×0.8mm×0.6mm)
· Low voltage, low current operation.
(VCE=1V, IC=1mA)
: fT=7GHz typ.
:
S21e2=5.5dB typ (f=1.5GHz)
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
Marking : MN
Continued on next page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
1
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT1V E
C
I
,
V
5
=
C
A
m
0
1
=
81
1z
H
G
fT2V E
C
I
,
V
1
=
C
A
m
1
=
7z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=
5
4
.
07
.
0F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
0
1
=
3
.
0F
p


Similar Part No. - 2SC5490

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
2SC5490A-TL-H ONSEMI-2SC5490A-TL-H Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5490

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5504 SANYO-2SC5504 Datasheet
48Kb / 6P
UHF to S Band Low-Noise Amplifier Applications
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5541 SANYO-2SC5541 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier Applications
2SC5646 SANYO-2SC5646 Datasheet
31Kb / 6P
UHF to S Band Low-Noise Amplifier andOSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com