Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5490 Datasheet (PDF) - Sanyo Semicon Device

2SC5490 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5490
Download  2SC5490 Download
File Size   39.3 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S Band Low-Noise Amplifier Applications

2SC5490 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5490 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5490
Download  2SC5490 Click to download

File Size   39.3 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S Band Low-Noise Amplifier Applications

2SC5490 Datasheet (HTML) - Sanyo Semicon Device


2SC5490 Product details

UHF to S Band Low-Noise Amplifier Applications

Features
• Low noise : NF=0.9dB typ (f=1GHz).
                    : NF=1.4dB typ (f=1.5GHz).
• High gain : |S21e|2=10dB typ (f=1.5GHz).
• High cutoff frequency : fT=11GHz typ.
• Ultrasmall, slim flat-lead package. (1.4mm×0.8mm×0.6mm)
• Low voltage, low current operation. (VCE=1V, IC=1mA)
    : fT=7GHz typ. 
    : |S21e|2=5.5dB typ (f=1.5GHz)




Similar Part No. - 2SC5490

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
2SC5490A-TL-H ONSEMI-2SC5490A-TL-H Datasheet
478Kb / 7P
Mini Buck Converter for RF Power Amplifiers
August, 2013
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
More results


Similar Description - 2SC5490

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5504 SANYO-2SC5504 Datasheet
48Kb / 6P
UHF to S Band Low-Noise Amplifier Applications
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5541 SANYO-2SC5541 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier Applications
2SC5646 SANYO-2SC5646 Datasheet
31Kb / 6P
UHF to S Band Low-Noise Amplifier andOSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com