Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5490 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5490
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5490 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5490 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5490 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5490
No.6289–3/4
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
120
0
100
60
80
40
20
20
060
40
80
100
140
120
160
PC -- Ta
IT01385
Ambient Temperature, Ta –
°C
12
10
8
6
4
2
0
NF -- IC
IT01384
3
23
2
1.0
0.1
57
3
25
7
5
10
VCE=2V
f=1GHz
12
10
8
6
4
2
0
NF -- IC
IT01383
3
23
2
0.1
1.0
57
3
25
7
5
10
f=1.5GHz
Collector Current, IC –mA
Collector Current, IC –mA
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
22
8
7
.
01
.
7
3
–3
4
0
.
2
14
.
8
4
18
3
0
.
07
.
9
69
8
8
.
05
.
9
1
–
0
0
43
2
6
.
04
.
5
6
–1
3
4
.
96
.
6
2
17
5
0
.
08
.
0
68
5
7
.
03
.
8
2
–
0
0
62
0
5
.
06
.
5
8
–5
1
4
.
72
.
2
1
12
7
0
.
05
.
6
56
4
6
.
03
.
3
3
–
0
0
80
2
4
.
04
.
2
0
1
–0
0
0
.
65
.
1
0
13
8
0
.
02
.
5
57
7
5
.
09
.
5
3
–
0
0
0
19
6
3
.
07
.
4
1
1
–5
2
0
.
56
.
3
94
9
0
.
01
.
5
58
3
5
.
06
.
7
3
–
0
0
2
19
3
3
.
02
.
7
2
1
–3
2
3
.
47
.
6
85
0
1
.
06
.
5
53
1
5
.
07
.
8
3
–
0
0
4
11
1
3
.
02
.
7
3
1
–5
8
7
.
36
.
0
85
1
1
.
06
.
5
50
9
4
.
07
.
9
3
–
0
0
6
16
9
2
.
09
.
4
4
1
–1
9
3
.
33
.
5
77
2
1
.
07
.
6
50
8
4
.
03
.
1
4
–
0
0
8
15
8
2
.
05
.
6
5
1
–8
1
0
.
31
.
0
79
3
1
.
04
.
6
56
6
4
.
05
.
3
4
–
0
0
0
27
7
2
.
02
.
4
6
1
–7
6
7
.
27
.
5
60
5
1
.
07
.
6
50
6
4
.
05
.
5
4
–
VCE=5V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
21
4
6
.
07
.
2
5
–7
2
5
.
6
18
.
7
3
11
3
0
.
04
.
7
60
2
8
.
09
.
2
2
–
0
0
48
6
4
.
04
.
5
8
–9
9
2
.
1
17
.
5
1
18
4
0
.
05
.
0
63
4
6
.
02
.
0
3
–
0
0
67
7
3
.
06
.
6
0
1
–3
0
3
.
81
.
3
0
10
6
0
.
00
.
0
69
4
5
.
02
.
2
3
–
0
0
81
2
3
.
01
.
4
2
1
–2
0
5
.
60
.
4
92
7
0
.
09
.
0
69
9
4
.
02
.
3
3
–
0
0
0
13
9
2
.
01
.
6
3
1
–2
4
3
.
54
.
7
84
8
0
.
09
.
1
67
7
4
.
09
.
3
3
–
0
0
2
10
8
2
.
07
.
6
4
1
–6
4
5
.
44
.
1
87
9
0
.
07
.
2
62
6
4
.
00
.
5
3
–
0
0
4
16
6
2
.
06
.
6
5
1
–7
4
9
.
34
.
6
78
0
1
.
00
.
3
69
4
4
.
02
.
6
3
–
0
0
6
13
6
2
.
02
.
3
6
1
–7
2
5
.
34
.
1
73
2
1
.
07
.
3
64
4
4
.
08
.
7
3
–
0
0
8
13
6
2
.
05
.
3
7
1
–1
2
1
.
30
.
7
66
3
1
.
08
.
2
65
3
4
.
09
.
9
3
–
0
0
0
24
6
2
.
08
.
9
7
1
–4
6
8
.
28
.
2
60
5
1
.
04
.
2
64
3
4
.
04
.
2
4
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com