Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8207WBRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8207WBRZ-R7
Description  Zero-Drift, High Voltage, Bidirectional Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207WBRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8207WBRZ-R7 Datasheet HTML 1Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 2Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 3Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 4Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 5Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 6Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 7Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 8Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8207
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
GND 2
VREF2 3
RANGE 4
+IN
8
VREF1
7
V+
6
OUT
5
AD8207
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input.
2
GND
Ground Pin.
3
VREF2
Reference Input.
4
RANGE
Range Pin. This pin switches between 4.5 V to 5.5 V and 3.3 V to 4.5 V supply operation.
5
OUT
Output.
6
V+
Supply Pin.
7
VREF1
Reference Input.
8
+IN
Positive Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com