Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8207WBRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8207WBRZ-R7
Description  Zero-Drift, High Voltage, Bidirectional Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207WBRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8207WBRZ-R7 Datasheet HTML 8Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 9Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 10Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 11Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 12Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 13Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 14Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 15Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8207
Rev. 0 | Page 14 of 16
APPLICATIONS INFORMATION
MOTOR CONTROL
3-Phase Motor Control
The AD8207 is ideally suited for monitoring current in 3-phase
motor applications.
The 150 kHz typical bandwidth of the AD8207 allows for
instantaneous current monitoring. Additionally, the typical
low offset drift of 500 nV/°C means that the measurement
error between the two motor phases will be at a minimum
over temperature. The AD8207 rejects PWM input common-
mode voltages in the range of −4 V to +65 V (with a 5 V
supply). Monitoring the current on the motor phase allows
for sampling of the current at any point and allows for
diagnostic information such as a short to GND and battery.
Refer to Figure 34 for a typical phase current measurement
setup with the AD8207.
H-Bridge Motor Control
Another typical application for the AD8207 is as part of
the control loop in H-bridge motor control. In this case, the
shunt resistor is placed in the middle of the H-bridge (see
Figure 33) so that it can accurately measure current in both
directions by using the shunt available at the motor. This is
a better solution than a ground referenced op amp because
ground is not typically a stable reference voltage in this type
of application. The instability of the ground reference causes
inaccuracies in the measurements that could be made with a
simple ground referenced op amp. The AD8207 measures
current in both directions as the H-bridge switches and the
motor changes direction. The output of the AD8207 is config-
ured in an external referenced bidirectional mode (see the
Bidirectional Operation section).
AD8207
+IN
SHUNT
MOTOR
VREF1 +VS OUT
–IN
GND
5V
CONTROLLER
VREF2RANGE
5V
2.5V
Figure 33. H-Bridge Motor Control Application
AD8207
BIDIRECTIONAL CURRENT MEASUREMENT
REJECTION OF HIGH PWM COMMON-MODE VOLTAGE (–4V TO +65V)
AMPLIFICATION
HIGH OUTPUT DRIVE
AD8214
INTERFACE
CIRCUIT
V+
IU
IV
IW
V–
OPTIONAL
PART FOR
OVERCURRENT
PROTECTION AND
FAST (DIRECT)
SHUTDOWN OF
POWER STAGE
AD8207
CONTROLLER
5V
5V
M
Figure 34. 3-Phase Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com