Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8207WBRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8207WBRZ-R7
Description  Zero-Drift, High Voltage, Bidirectional Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207WBRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8207WBRZ-R7 Datasheet HTML 1Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 2Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 3Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 4Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 5Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 6Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 7Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 8Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Zero-Drift, High Voltage,
Bidirectional Difference Amplifier
AD8207
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ideal for current shunt applications
EMI filters included
1 μV/°C maximum input offset drift
High common-mode voltage range
−4 V to +65 V operating (5 V supply)
−4 V to +35 V operating (3.3 V supply)
−25 V to +75 V survival
Gain = 20 V/V
3.3 V to 5.5 V supply range
Wide operating temperature range: −40°C to +125°C
Bidirectional current monitoring
<500 nV/°C typical offset drift
<10 ppm/°C typical gain drift
>90 dB CMRR dc to 10 kHz
Qualified for automotive applications
APPLICATIONS
High-side current sensing in
Motor control
Solenoid control
Engine management
Electric power steering
Suspension control
Vehicle dynamic control
DC-to-DC converters
FUNCTIONAL BLOCK DIAGRAM
REF
+IN
–IN
OUT
V+
GND
VREF1
VREF2
RANGE
AD8207
ZERO
DRIFT
Figure 1.
GENERAL DESCRIPTION
The AD8207 is a single-supply difference amplifier ideal for
amplifying small differential voltages in the presence of large
common-mode voltage. The operating input common-mode
voltage range extends from −4 V to +65 V with a 5 V supply.
The AD8207 works with a single-supply voltage of 3.3 V to 5 V,
and is ideally suited to withstand large input PWM common-
mode voltages, typical in solenoid and motor control applications.
The AD8207 is available in an 8-lead SOIC package. Excellent
dc performance over temperature keeps errors in the mea-
surement loop to a minimum. Offset drift is typically less
than 500 nV/°C, and gain drift is typically below 10 ppm/°C.
The AD8207 is ideal for bidirectional current sensing
applications. It features two reference pins,VREF1 and VREF2,
that allow the user to easily offset the output of the device to
any voltage within the supply range. With VREF1 attached to the
V+ pin and VREF2 attached to the GND pin, the output is set at
half scale. Attaching both pins to GND causes the output to
be unipolar, starting near ground. Attaching both pins to V+
causes the output to be unipolar starting near V+. Other output
offsets are achieved by applying an external low impedance
voltage to the VREF1 and VREF2 pins.


Similar Part No. - AD8207WBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8207 AD-AD8207 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results

Similar Description - AD8207WBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
logo
Linear Technology
LTC2057 LINER-LTC2057 Datasheet
1Mb / 32P
High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com