Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8207WBRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8207WBRZ-R7
Description  Zero-Drift, High Voltage, Bidirectional Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207WBRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8207WBRZ-R7 Datasheet HTML 7Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 8Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 9Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 10Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 11Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 12Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 13Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 14Page - Analog Devices AD8207WBRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8207
Rev. 0 | Page 11 of 16
POWER SUPPLY ADJUSTMENT
3.3 V TO 4.5 V SUPPLY OPERATION
The AD8207 can operate with a single-supply voltage as low
as 3.3 V to 4.5 V. This mode of operation is achieved by con-
necting the RANGE pin (Pin 4) to the supply (see Figure 26).
It is recommended that an external resistor be placed in series
from the RANGE pin to the supply. This resistor can be a
typical 5 kΩ 1% resistor.
1
2
3
4
8
7
6
5
AD8207
TOP VIEW
(Not to Scale)
3.3V
3.3V
OUT
SHUNT
Figure 26. 3.3 V Supply Operation
Note that in this mode of operation, the common-mode range
of the AD8207 is limited to −4 V to +35 V. The output and
reference input ranges are limited to the supply of the part. The
user can have a 4.5 V supply and connect the RANGE pin from
3.3 V to 4.5 V. Alternatively, the user can connect the RANGE
pin as high as 4.5 V, with the supply from 3.3 V to 4.5 V.
4.5 V TO 5.5 V SUPPLY OPERATION
In most applications, the AD8207 operates with a single 5 V
supply. In this mode, the operating input common-mode
range of the AD8207 is rated from −4 V to +65 V. To operate
the device with a 5 V supply (includes 4.5 V to 5.5 V), connect
the RANGE pin (Pin 4) to logic low, or GND, as shown in
Figure 27.
1
2
3
4
8
7
6
5
AD8207
TOP VIEW
(Not to Scale)
5V
OUT
SHUNT
Figure 27. 5 V Supply Bidirectional Operation
The output and reference input ranges are limited to the
supply voltage used. With a supply voltage from 4.5 V to 5.5 V,
the RANGE pin (Pin 4) should be connected to GND to achieve
the maximum input common-mode range specification of −4 V
to +65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com