Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-1ARJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4891-1ARJZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-1ARJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4891-1ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 3 of
24
SPECIFICATIONS
5 V OPERATION
TA = 25°C, VS = 5 V, RL = 1 kΩ to 2.5 V, unless otherwise noted. All specifications are for the ADA4891-1, ADA4891-2, ADA4891-3, and
ADA4891-4, unless otherwise noted. For the ADA4891-1 and ADA4891-2, RF = 604 Ω; for the ADA4891-3 and ADA4891-4, RF = 453 Ω,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small-Signal Bandwidth
ADA4891-1/ADA4891-2, G = +1, VO = 0.2 V p-p
240
MHz
ADA4891-3/ADA4891-4, G = +1, VO = 0.2 V p-p
220
MHz
ADA4891-1/ADA4891-2, G = +2, VO = 0.2 V p-p,
RL = 150 Ω to 2.5 V
90
MHz
ADA4891-3/ADA4891-4, G = +2, VO = 0.2 V p-p,
RL = 150 Ω to 2.5 V
96
MHz
Bandwidth for 0.1 dB Gain Flatness
ADA4891-1/ADA4891-2, G = +2, VO = 2 V p-p,
RL = 150 Ω to 2.5 V, RF = 604 Ω
25
MHz
ADA4891-3/ADA4891-4, G = +2, VO = 2 V p-p,
RL = 150 Ω to 2.5 V, RF = 374 Ω
25
MHz
Slew Rate, tR/tF
G = +2, VO = 2 V step, 10% to 90%
170/210
V/μs
−3 dB Large-Signal Frequency Response
G = +2, VO = 2 V p-p, RL = 150 Ω
40
MHz
Settling Time to 0.1%
G = +2, VO = 2 V step
28
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD3
fC = 1 MHz, VO = 2 V p-p, G = +1
−79/−93
dBc
fC = 1 MHz, VO = 2 V p-p, G = −1
−75/−91
dBc
Input Voltage Noise
f = 1 MHz
9
nV/√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.05
%
Differential Phase Error (NTSC)
G = +2, RL = 150 Ω to 2.5 V
0.25
Degrees
All-Hostile Crosstalk
f = 5 MHz, G = +2, VO = 2 V p-p
−80
dB
DC PERFORMANCE
Input Offset Voltage
±2.5
±10
mV
TMIN to TMAX
±3.1
mV
Offset Drift
6
μV/°C
Input Bias Current
−50
+2
+50
pA
Open-Loop Gain
RL = 1 kΩ to 2.5 V
77
83
dB
RL = 150 Ω to 2.5 V
71
dB
INPUT CHARACTERISTICS
Input Resistance
5
GΩ
Input Capacitance
3.2
pF
Input Common-Mode Voltage Range
−VS − 0.3 to
+VS − 0.8
V
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 3.0 V
88
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ to 2.5 V
0.01 to 4.98
V
RL = 150 Ω to 2.5 V
0.08 to 4.90
V
Output Current
1% THD with 1 MHz, VO = 2 V p-p
125
mA
Short-Circuit Current
Sourcing
205
mA
Sinking
307
mA
POWER-DOWN PINS (PD1, PD2, PD3)
ADA4891-3 only
Threshold Voltage, VTH
2.4
V
Bias Current
Part enabled
65
nA
Part powered down
−22
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com