Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-1ARJZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4891-1ARJZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-1ARJZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4891-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 19 of
24
VIDEO RECONSTRUCTION FILTER
MULTIPLEXER
A common application for active filters is at the output of video
digital-to-analog converters (DACs)/encoders. The filter, or more
appropriately, the video reconstruction filter, is used at the output
of a video DAC/encoder to eliminate the multiple images that
are created during the sampling process within the DAC. For
portable video applications, the ADA4891 is an ideal choice due
to its lower power requirements and high performance.
The ADA4891-3 has a disable pin used to power down the
amplifier to save power or to create a mux circuit. If two or
more ADA4891-3 outputs are connected together and only one
output is enabled, then only the signal of the enabled amplifier
appears at the output. This configuration is used to select from
various input signal sources. Additionally, the same input signal
is applied to different gain stages, or differently tuned filters, to
make a gain-step amplifier or a selectable frequency amplifier.
For active filters, a good rule of thumb is that the −3 dB band-
width of the amplifiers be at least 10 times higher than the corner
frequency of the filter. This ensures that no initial roll-off is
introduced by the amplifier and that the pass band is flat until
the cutoff frequency.
Figure 64 shows a schematic of two ADA4891-3 devices used
to create a mux that selects between two inputs. One input is a
1 V p-p, 3 MHz sine wave; the other input is a 2 V p-p, 1 MHz
sine wave.
49.9Ω
453Ω
+2.5V
–2.5V
+2.5V
–2.5V
49.9Ω
49.9Ω
49.9Ω
1V p-p
3MHz
2V p-p
1MHz
VOUT
SELECT
HCO4
453Ω
453Ω
10µF
0.1µF
10µF
0.1µF
49.9Ω
453Ω
10µF
0.1µF
10µF
0.1µF
ADA4891-3
ADA4891-3
An example of a 15 MHz, 3-pole, Sallen-Key, low-pass video
reconstruction filter is shown in Figure 62. This circuit features
a gain of +2, a 0.1 dB bandwidth of 7.3 MHz, and over 17 dB
attenuation at 29.7 MHz (see Figure 63). The filter has three
poles: two poles are active, with a third passive pole (R6 and C4)
placed at the output. C3 improves the filter roll-off. R6, R7, and
R8 make up the video load of 150 Ω. Components R6, C4, R7,
R8, and the input termination of the network analyzer form a
6 dB attenuator; therefore, the reference level is roughly 0 dB,
as shown in Figure 63.
R2
47Ω
VIN
R3
125Ω
R6
6.8Ω
+5V
R7
68.1Ω
R1
C1
51pF
C3
15pF
C4
1nF
R4
1kΩ
R5
1kΩ
R8
75Ω
VOUT
C2
51pF
Figure 64. Two-to-One Multiplexer Using Two ADA4861-3 Devices
Figure 62. 15 MHz Video Reconstruction Filter Schematic
The select signal and the output waveforms for this circuit are
shown in Figure 65.
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0.03
0.1
1
10
100
FREQUENCY (MHz)
1µs/DIV
1V/DIV
1µs/DIV
5V/DIV
SELECT
OUTPUT
Figure 65. ADA4861-3 Mux Output
Figure 63. Video Reconstruction Filter Frequency Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com