Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-1ARJZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4891-1ARJZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-1ARJZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4891-1ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 15 of
24
APPLICATIONS INFORMATION
USING THE ADA4891
Understanding the subtleties of the ADA4891 family of amplifiers
provides insight into how to extract the peak performance from
the device. The following sections describe the effect of gain,
component values, and parasitics on the performance of the
ADA4891. The wideband, noninverting gain configuration of
the ADA4891 is shown in Figure 50; the wideband, inverting
gain configuration of the ADA4891 is shown in Figure 51.
WIDEBAND, NONINVERTING GAIN OPERATION
ADA4891
RF
RG
RT
50Ω
SOURCE
RL
+VS
–VS
10µF
0.1µF
VI
VO
10µF
0.1µF
Figure 50. Noninverting Gain Configuration
In Figure 50, RF and RG denote the feedback and gain resistors,
respectively. Together, RF and RG determine the noise gain of the
amplifier. The value of RF defines the 0.1 dB bandwidth (for
more information, see the Effect of RF on 0.1 dB Gain Flatness
section). Typical RF values range from 549 Ω to 698 Ω for the
ADA4891-1/ADA4891-2. Typical RF values range from 301 Ω
to 453 Ω for the ADA4891-3/ADA4891-4.
In a controlled impedance signal path, RT is used as the input
termination resistor designed to match the input source imped-
ance. Note that RT is not required for normal operation. RT is
generally set to match the input source impedance.
WIDEBAND, INVERTING GAIN OPERATION
ADA4891
RF
RT
RG
50Ω
SOURCE
RL
+VS
–VS
VI
VO
10µF
0.1µF
10µF
0.1µF
Figure 51. Inverting Gain Configuration
Figure 51 shows the inverting gain configuration. For the
inverting gain configuration, set the parallel combination of
RT and RG to match the input source impedance.
Note that a bias current cancellation resistor is not required in
the noninverting input of the amplifier because the input bias
current of the ADA4891 is very low (less than 2 pA). Therefore,
the dc errors caused by the bias current are negligible.
For both noninverting and inverting gain configurations, it is
often useful to increase the RF value to decrease the load on the
output. Increasing the RF value improves harmonic distortion at
the expense of reducing the 0.1 dB bandwidth of the amplifier.
This effect is discussed further in the Effect of RF on 0.1 dB Gain
Flatness section.
RECOMMENDED VALUES
Table 5 and Table 6 provide a quick reference for various configu-
rations and show the effect of gain on the −3 dB small-signal
bandwidth, slew rate, and peaking of the ADA4891-1/ADA4891-2/
ADA4891-3/ADA4891-4. Note that as the gain increases, the
small-signal bandwidth decreases, as is expected from the gain
bandwidth product relationship. In addition, the phase margin
improves with higher gains, and the amplifier becomes more
stable. As a result, the peaking in the frequency response is
reduced (see Figure 7 and Figure 10).
Table 5. Recommended Component Values and Effect of Gain on ADA4891-1/ADA4891-2 Performance (RL = 1 kΩ)
Feedback Network Values
−3 dB Small-Signal Bandwidth (MHz)
Slew Rate (V/μs)
Peaking (dB)
Gain
RF (Ω)
RG (Ω)
VOUT = 200 mV p-p
tR
tF
−1
604
604
118
188
192
1.3
+1
0
Open
240
154
263
2.6
+2
604
604
120
170
210
1.4
+5
604
151
32.5
149
154
0
+10
604
67.1
12.7
71
72
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com