Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-1ARJZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4891-1ARJZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-1ARJZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4891-1ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 10 of
24
–100
–90
–80
–70
–60
–50
–40
00.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V p-p)
VS = 5V
SECOND HARMONIC
VS = 5V
THIRD HARMONIC
VS = 3V
SECOND HARMONIC
VS = 3V
THIRD HARMONIC
G = +2
RF = 604Ω
RL = 150Ω
fC = 1MHz
Figure 25. Harmonic Distortion (HD2, HD3) vs. Output Voltage, G = +2
–180
–162
–144
–126
–108
–90
–72
–54
–36
–18
0
GAIN
PHASE
–10
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
RL = 1kΩ
Figure 26. Open-Loop Gain and Phase vs. Frequency
5
6
7
4
3
2
1
0
–1
–2
–3
–4
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
G = +2
RL = 150Ω
VOUT = 200mV p-p
CL = 47pF
CL = 22pF
CL = 10pF
CL = 0pF
Figure 27. Small-Signal Frequency Response vs. CL,
ADA4891-1/ADA4891-2
1
10
100
1k
10
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
G = +1
Figure 28. Input Voltage Noise vs. Frequency
0.06
–0.06
0.04
0.02
0
–0.04
–0.02
0.2
0.1
0
–0.1
–0.2
–0.3
0.3
MODULATING RAMP LEVEL (IRE)
VS = 5V, G = +2
RF = 604Ω, RL = 150Ω
VS = 5V, G = +2
RF = 604Ω, RL = 150Ω
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH
Figure 29. Differential Gain and Phase Errors
5
6
7
4
3
2
1
0
–1
–2
–3
–4
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
G = +2
RL = 150Ω
VOUT = 200mV p-p
CL = 47pF
CL = 22pF
CL = 10pF
CL = 0pF
Figure 30. Small-Signal Frequency Response vs. CL,
ADA4891-3/ADA4891-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com